Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SPBTLE-1S Datasheet(PDF) 14 Page - STMicroelectronics

Part # SPBTLE-1S
Description  Very low power application processor module for Bluetooth® Low Energy v4.2
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPBTLE-1S Datasheet(HTML) 14 Page - STMicroelectronics

Back Button SPBTLE-1S Datasheet HTML 10Page - STMicroelectronics SPBTLE-1S Datasheet HTML 11Page - STMicroelectronics SPBTLE-1S Datasheet HTML 12Page - STMicroelectronics SPBTLE-1S Datasheet HTML 13Page - STMicroelectronics SPBTLE-1S Datasheet HTML 14Page - STMicroelectronics SPBTLE-1S Datasheet HTML 15Page - STMicroelectronics SPBTLE-1S Datasheet HTML 16Page - STMicroelectronics SPBTLE-1S Datasheet HTML 17Page - STMicroelectronics SPBTLE-1S Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 27 page
background image
Hardware specifications
SPBTLE-1S
14/27
DocID030445 Rev 3
b The function SPI_IN indicates that the pin is always an input when configured for SPI.
Thus in case of SPI master role, it acts as MISO pin. In case of SPI slave role, this pin act
as MOSI. See Table 5: "Pinout description"
c The function SPI_OUT indicates that the pin is always an output when configured for SPI.
Thus in case of SPI master role, it acts as MOSI pin. In case of SPI slave role, this pin act
as MISO. See Table 5: "Pinout description"
d DI012 can only be General Purpose Input pins (not output), or I2C1 clock pin.
Table 6: SPI pin function
SPI function
SPBTLE-1S SPI Role = Master
SPBTLE-1S SPI Role = Slave
SPI_IN
SPI MISO
SPI MOSI
SPI_OUT
SPI MOSI
SPI MISO
4.3
Mechanical dimensions
Figure 8: Mechanical dimensions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com