Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STWBC-EP Datasheet(PDF) 13 Page - STMicroelectronics

Part # STWBC-EP
Description  Digital controller for wireless battery chargers transmitters for Qi 15 W applications
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STWBC-EP Datasheet(HTML) 13 Page - STMicroelectronics

Back Button STWBC-EP Datasheet HTML 9Page - STMicroelectronics STWBC-EP Datasheet HTML 10Page - STMicroelectronics STWBC-EP Datasheet HTML 11Page - STMicroelectronics STWBC-EP Datasheet HTML 12Page - STMicroelectronics STWBC-EP Datasheet HTML 13Page - STMicroelectronics STWBC-EP Datasheet HTML 14Page - STMicroelectronics STWBC-EP Datasheet HTML 15Page - STMicroelectronics STWBC-EP Datasheet HTML 16Page - STMicroelectronics STWBC-EP Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 32 page
background image
DocID030747 Rev 1
13/32
STWBC-EP
Pins functional description
32
5.5
Input power supply management: VMAIN, QC_IO
The STWBC-EP monitors the input power supply voltage using the VMAIN pin. This voltage
is used for optimum programming of the DC-DC converter but also for the wireless power
mode of the operation.
The STWBC-EP is capable of requesting 12 V output voltage available from some USB wall
adaptors. While the USB wall adaptor provides 5 V by default, using a specific signaling on
the D+ and D- signals of the USB interface, 12 V can be obtained if supported. When 12 V is
available, the STWBC-EP can provide up to 15 W to a receiver load. The QC_IO pin has to
be connected to a simple interfacing circuit with the USB connector. When QC_IO is 0, 5 V
is requested to the USB wall adaptor. When QC_IO is 1, 12 V is requested to the USB wall
adaptor.
5.6
External digital interface: UART_TX, UART_RX
The STWBC-EP can be programmed and/or controlled using a 57600 bps 8-bit 1start 1stop
no-parity UART interface. The STWBC-EP UART TX output is present on the UART_TX pin
and the UART RX input is present on the UART_RX pin.
5.7
End user signaling: LED
The STWBC-EP manages 2 LEDs (red and green typically) using a single LED pin. The pin
is the output 0 to drive the first LED, the output 1 to drive the second LED and high
impedance to not drive any LED. A simple circuit can be used to interface the LEDs with this
LED pin.
5.8
Expansion interface: I2C_SDA, I2C_SCL
The STWBC-EP embeds an I²C master interface on the I2C_SDA and I2C_SCL pins. This
interface is typically inactive and reserved for future use.
5.9
Debug: SWIM, NRST
The SWIM pin may be used to interface with the STLINK/V2 debugger. The STWBC-EP can
be reset using the active-low NRST pin.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com