Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EL5191CS Datasheet(PDF) 1 Page - Intersil Corporation

Part # EL5191CS
Description  1GHz Current Feedback Amplifier with Enable
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

EL5191CS Datasheet(HTML) 1 Page - Intersil Corporation

  EL5191CS Datasheet HTML 1Page - Intersil Corporation EL5191CS Datasheet HTML 2Page - Intersil Corporation EL5191CS Datasheet HTML 3Page - Intersil Corporation EL5191CS Datasheet HTML 4Page - Intersil Corporation EL5191CS Datasheet HTML 5Page - Intersil Corporation EL5191CS Datasheet HTML 6Page - Intersil Corporation EL5191CS Datasheet HTML 7Page - Intersil Corporation EL5191CS Datasheet HTML 8Page - Intersil Corporation EL5191CS Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
1
®
FN7180.2
EL5191, EL5191A
1GHz Current Feedback Amplifier with
Enable
The EL5191 and EL5191A amplifiers are of the current
feedback variety and exhibit a very high bandwidth of 1GHz.
This makes these amplifiers ideal for today’s high speed
video and monitor applications, as well as a number of RF
and IF frequency designs.
With a supply current of just 9mA and the ability to run from
a single supply voltage from 5V to 10V, these amplifiers offer
very high performance for little power consumption.
The EL5191A also incorporates an enable and disable
function to reduce the supply current to 100µA typical per
amplifier. Allowing the CE pin to float or applying a low logic
level will enable the amplifier.
The EL5191 is offered in the 5-pin SOT-23 package and the
EL5191A is available in the 6-pin SOT-23 as well as the
industry-standard 8-pin SO packages. Both operate over the
industrial temperature range of -40°C to +85°C.
Features
• 1GHz -3dB bandwidth
• 9mA supply current
• Single and dual supply operation, from 5V to 10V supply
span
• Fast enable/disable (EL5191A only)
• Available in SOT-23 packages
• High speed, 600MHz product available (EL5192, EL5292,
and EL5392)
• Lower power, 300MHz product available (EL5193,
EL5293, EL5393)
•
Pb-Free plus anneal available (RoHS compliant)
Applications
• Video amplifiers
• Cable drivers
• RGB amplifiers
• Test equipment
• Instrumentation
• Current to voltage converters
Pinouts
Ordering Information
PART NUMBER
PACKAGE
TAPE &
REEL
PKG. DWG. #
EL5191CS
8-Pin SO
-
MDP0027
EL5191CSZ
(See Note)
8-Pin SO
(Pb-free)
-
MDP0027
EL5191CSZ-T7
(See Note)
8-Pin SO
(Pb-free)
7”
MDP0027
EL5191CSZ-T13
(See Note)
8-Pin SO
(Pb-free)
13”
MDP0027
EL5191CW-T7
5-Pin SOT-23
7”
MDP0038
EL5191CWZ-T7
(See Note)
5-Pin SOT-23
(Pb-free)
7”
MDP0038
EL5191ACW-T7
6-Pin SOT-23
7” (3K pcs)
MDP0038
EL5191ACW-T7A
6-Pin SOT-23
7” (250 pcs)
MDP0038
EL5191ACWZ-T7
(See Note)
6-Pin SOT-23
(Pb-free)
7” (3K pcs)
MDP0038
EL5191ACWZ-T7A
(See Note)
6-Pin SOT-23
(Pb-free)
7” (250 pcs)
MDP0038
EL5191ACS
8-Pin SO
-
MDP0027
EL5191ACS-T7
8-Pin SO
7”
MDP0027
EL5191ACS-T13
8-Pin SO
13”
MDP0027
EL5191ACSZ
(See Note)
8-Pin SO
(Pb-free)
-
MDP0027
EL5191ACSZ-T7
(See Note)
8-Pin SO
(Pb-free)
7”
MDP0027
EL5191ACSZ-T13
(See Note)
8-Pin SO
(Pb-free)
13”
MDP0027
NOTE: Intersil Pb-free plus anneal products employ special Pb-free material sets;
molding compounds/die attach materials and 100% matte tin plate termination finish,
which are RoHS compliant and compatible with both SnPb and Pb-free soldering
operations. Intersil Pb-free products are MSL classified at Pb-free peak reflow
temperatures that meet or exceed the Pb-free requirements of IPC/JEDEC J STD-020.
1
2
3
5
4
-
+
OUT
VS-
IN+
VS+
IN-
1
2
3
6
4
-
+
OUT
VS-
IN+
VS+
IN-
5 CE
1
2
3
4
8
7
6
5
-
+
NC
IN-
IN+
VS-
CE
VS+
OUT
NC
EL5191A
(8-PIN SO)
TOP VIEW
EL5191
(5-PIN SOT-23)
TOP VIEW
EL5191A
(6-PIN SOT-23)
TOP VIEW
Data Sheet
August 3, 2005
NOT
REC
OMM
END
ED F
OR N
EW
DES
IGNS
SEE
EL5
166/
EL5
167
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures.
1-888-INTERSIL or 1-888-468-3774
| Intersil (and design) is a registered trademark of Intersil Americas Inc.
Copyright Intersil Americas Inc. 2004, 2005. All Rights Reserved
All other trademarks mentioned are the property of their respective owners.


Similar Part No. - EL5191CS

ManufacturerPart #DatasheetDescription
logo
Elantec Semiconductor
EL5191CS ELANTEC-EL5191CS Datasheet
369Kb / 17P
1GHz Current Feedback Amplifier
logo
Intersil Corporation
EL5191CS INTERSIL-EL5191CS Datasheet
440Kb / 20P
1GHz Current Feedback Amplifier with Enable
May 16, 2007
logo
Elantec Semiconductor
EL5191CS-T13 ELANTEC-EL5191CS-T13 Datasheet
369Kb / 17P
1GHz Current Feedback Amplifier
EL5191CS-T7 ELANTEC-EL5191CS-T7 Datasheet
369Kb / 17P
1GHz Current Feedback Amplifier
logo
Intersil Corporation
EL5191CSZ INTERSIL-EL5191CSZ Datasheet
440Kb / 20P
1GHz Current Feedback Amplifier with Enable
May 16, 2007
More results

Similar Description - EL5191CS

ManufacturerPart #DatasheetDescription
logo
Elantec Semiconductor
EL5191C ELANTEC-EL5191C Datasheet
369Kb / 17P
1GHz Current Feedback Amplifier
logo
Intersil Corporation
EL5192 INTERSIL-EL5192 Datasheet
386Kb / 17P
600MHz Current Feedback Amplifier with Enable
August 3, 2005
EL5367 INTERSIL-EL5367 Datasheet
403Kb / 11P
1GHz Triple Current Feedback Amplifier
November 9, 2004
EL5493 INTERSIL-EL5493 Datasheet
281Kb / 14P
Quad 300MHz Current Feedback Amplifier with Enable
EL5392A INTERSIL-EL5392A_06 Datasheet
368Kb / 14P
Triple 600MHz Current Feedback Amplifier with Enable
March 9, 2006
EL5193 INTERSIL-EL5193_07 Datasheet
406Kb / 20P
Single 300MHz Current Feedback Amplifier with Enable
May 16, 2007
EL5192 INTERSIL-EL5192_07 Datasheet
414Kb / 20P
600MHz Current Feedback Amplifier with Enable
May 16, 2007
EL5191 INTERSIL-EL5191_07 Datasheet
440Kb / 20P
1GHz Current Feedback Amplifier with Enable
May 16, 2007
logo
Renesas Technology Corp
EL5192 RENESAS-EL5192 Datasheet
934Kb / 20P
600MHz Current Feedback Amplifier with Enable
EL5367 RENESAS-EL5367 Datasheet
613Kb / 11P
1GHz Triple Current Feedback Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com