Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD9271 Datasheet(PDF) 17 Page - Analog Devices

Part # AD9271
Description  Octal LNA/VGA/AAF/ADC and Crosspoint Switch
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9271 Datasheet(HTML) 17 Page - Analog Devices

Back Button AD9271 Datasheet HTML 13Page - Analog Devices AD9271 Datasheet HTML 14Page - Analog Devices AD9271 Datasheet HTML 15Page - Analog Devices AD9271 Datasheet HTML 16Page - Analog Devices AD9271 Datasheet HTML 17Page - Analog Devices AD9271 Datasheet HTML 18Page - Analog Devices AD9271 Datasheet HTML 19Page - Analog Devices AD9271 Datasheet HTML 20Page - Analog Devices AD9271 Datasheet HTML 21Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 61 page
background image
AD9271
Rev. B | Page 16 of
60
–2.0
VGAIN (V)
TYPICAL PERFORMANCE CHARACTERISTICS
fSAMPLE = 50 MSPS, fIN = 5 MHz, LPF = 1/3 × fSAMPLE, HPF = 700 kHz, LNA gain = 6×.
2.0
1.0
1.5
–1.0
–0.5
0
0.5
–1.5
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
+85°C
+25°C
–40°C
Figure 18. Gain Error vs. VGAIN at Three Temperatures
20
10
18
16
14
12
8
6
4
2
–1.0
–0.6
GAIN ERROR (dB)
0
–0.8
–0.4
–0.2
0
0.4
0.2
0.6
0.8
1.0
SAMPLE SIZE = 720 CHANNELS
Figure 19. Gain Error Histogram with VGAIN = 0.1 V
GAIN ERROR (dB)
0
16
14
12
10
8
6
4
2
SAMPLE SIZE = 720 CHANNELS
Figure 20. Gain Error Histogram with VGAIN = 0.5 V
25
0
–1.0
–0.6
GAIN ERROR (dB)
20
15
10
5
–0.8
–0.4
–0.2
0
0.4
0.2
0.6
0.8
1.0
SAMPLE SIZE = 720 CHANNELS
Figure 21. Gain Error Histogram with VGAIN = 0.9 V
CHANNEL-TO-CHANNEL GAIN MATCHING (dB)
0
30
25
20
15
10
–1.25 –1.00 –0.75 –0.50 –0.25
0
0.25
0.50
0.75
1.00
1.25
5
Figure 22. Gain Match Histogram for VGAIN = 0.2 V
CHANNEL-TO-CHANNEL GAIN MATCHING (dB)
0
30
25
20
15
10
–1.25 –1.00 –0.75 –0.50 –0.25
0
0.25
0.50
0.75
1.00
1.25
5
Figure 23. Gain Match Histogram for VGAIN = 0.8 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com