Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD9271 Datasheet(PDF) 20 Page - Analog Devices

Part # AD9271
Description  Octal LNA/VGA/AAF/ADC and Crosspoint Switch
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9271 Datasheet(HTML) 20 Page - Analog Devices

Back Button AD9271 Datasheet HTML 16Page - Analog Devices AD9271 Datasheet HTML 17Page - Analog Devices AD9271 Datasheet HTML 18Page - Analog Devices AD9271 Datasheet HTML 19Page - Analog Devices AD9271 Datasheet HTML 20Page - Analog Devices AD9271 Datasheet HTML 21Page - Analog Devices AD9271 Datasheet HTML 22Page - Analog Devices AD9271 Datasheet HTML 23Page - Analog Devices AD9271 Datasheet HTML 24Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 61 page
background image
AD9271
Rev. B | Page 19 of
60
–110
–100
–90
–80
–70
–60
–50
–40
–30
–20
–10
0
2.3MHz AND 3.5MHz
5MHz AND 6MHz
8MHz AND 10.3MHz
0.2
1.0
0.9
0.8
0.7
0.6
0.5
0.4
0.3
VGAIN (V)
AIN1 = AIN2 = –7dBFS
Figure 36. IMD3 vs. VGAIN
–110
–100
–60
–20
–15
–10
–5
–25
–30
–35
–40
–45
–50
–55
INPUT AMPLITUDE (dBFS)
–90
–80
–70
–60
–50
–40
–30
–20
–10
0
VGAIN = 1V
VGAIN = 0.5V
VGAIN = 0V
f1 = 5MHz
f2 = 6MHz
Figure 37. IMD3 vs. Amplitude
–120
–100
–80
–60
–40
–20
0
02
20
15
10
5
FREQUENCY (MHz)
5
AIN1 = AIN2 = –7dBFS
f1 = 5MHz
f2 = 6MHz
IMD2 = –70.59dBc
IMD3 = –64.45dBc
VGAIN =1V
Figure 38. Typical IMD3 and IMD2 Performance



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com