Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD9277 Datasheet(PDF) 39 Page - Analog Devices

Part # AD9277
Description  Octal LNA/VGA/AAF/14-Bit ADC and CW I/Q Demodulator
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9277 Datasheet(HTML) 39 Page - Analog Devices

Back Button AD9277 Datasheet HTML 35Page - Analog Devices AD9277 Datasheet HTML 36Page - Analog Devices AD9277 Datasheet HTML 37Page - Analog Devices AD9277 Datasheet HTML 38Page - Analog Devices AD9277 Datasheet HTML 39Page - Analog Devices AD9277 Datasheet HTML 40Page - Analog Devices AD9277 Datasheet HTML 41Page - Analog Devices AD9277 Datasheet HTML 42Page - Analog Devices AD9277 Datasheet HTML 43Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 49 page
background image
AD9277
Rev. 0 | Page 38 of 48
Table 13. Flexible Output Test Modes
Output Test Mode
Bit Sequence
Pattern Name
Digital Output Word 1
Digital Output Word 2
Subject to Data
Format Select
0000
Off (default)
N/A
N/A
N/A
0001
Midscale short
10 0000 0000 0000
Same
Yes
0010
+Full-scale short
11 1111 1111 1111
Same
Yes
0011
−Full-scale short
00 0000 0000 0000
Same
Yes
0100
Checkerboard
10 1010 1010 1010
01 0101 0101 0101
No
0101
PN sequence long
N/A
N/A
Yes
0110
PN sequence short
N/A
N/A
Yes
0111
One-/zero-word toggle
11 1111 1111 1111
00 0000 0000 0000
No
1000
User input
Register 0x19 and Register 0x1A
Register 0x1B and Register 0x1C
No
1001
1-/0-bit toggle
10 1010 1010 1010
N/A
No
1010
1× sync
00 0000 0011 1111
N/A
No
1011
One bit high
10 0000 0000 0000
N/A
No
1100
Mixed bit frequency
10 1010 0011 0011
N/A
No
The PN sequence long pattern produces a pseudorandom bit
sequence that repeats itself every 223 − 1 bits, or 8,388,607 bits.
A description of the PN sequence long and how it is generated
can be found in Section 5.6 of the ITU-T O.150 (05/96) standard.
The only differences are that the starting value is a specific value
instead of all 1s and that the AD9277 inverts the bit stream with
relation to the ITU-T standard (see Table 14 for the initial values).
Table 14. PN Sequence
Sequence
Initial
Value
First Three Output Samples
(MSB First)
PN Sequence Short
0x0DF
0x37E4, 0x3533, 0x0063
PN Sequence Long
0x29B80A
0x191F, 0x35C2, 0x2359
See the Memory Map section for information on how to change
these additional digital output timing features through the SPI.
SDIO Pin
This pin is required to operate the SPI. It has an internal 30 kΩ
pull-down resistor that pulls this pin low and is only 1.8 V
tolerant. If applications require that this pin be driven from a
3.3 V logic level, insert a 1 kΩ resistor in series with this pin to
limit the current.
SCLK Pin
This pin is required to operate the SPI port interface. It has an
internal 30 kΩ pull-down resistor that pulls this pin low and is
both 1.8 V and 3.3 V tolerant.
CSB Pin
This pin is required to operate the SPI port interface. It has an
internal 70 kΩ pull-up resistor that pulls this pin high and is
both 1.8 V and 3.3 V tolerant.
RBIAS Pin
To set the internal core bias current of the ADC, place a resistor
nominally equal to 10.0 kΩ to ground at the RBIAS pin. Using a
resistor other than the recommended 10.0 kΩ resistor for RBIAS
degrades the performance of the device. Therefore, it is imperative
that at least a 1% tolerance on this resistor be used to achieve
consistent performance.
Voltage Reference
A stable and accurate 0.5 V voltage reference is built into the
AD9277. This is gained up internally by a factor of 2, setting
VREF to 1.0 V, which results in a full-scale differential input span
of 2.0 V p-p for the ADC. VREF is set internally by default, but
the VREF pin can be driven externally with a 1.0 V reference to
achieve more accuracy. However, the AD9277 does not support
ADC full-scale ranges below 2.0 V p-p.
When applying the decoupling capacitors to the VREF pin,
use ceramic, low ESR capacitors. These capacitors should be
close to the reference pin and on the same layer of the PCB as
the AD9277. The VREF pin should have both a 0.1 μF capacitor
and a 1 μF capacitor connected in parallel to the analog ground.
These capacitor values are recommended for the ADC to
properly settle and acquire the next valid sample.
The reference settings can be selected using the SPI. The settings
allow two options: using the internal reference or using an
external reference. The internal reference option is the default
setting and has a resulting differential span of 2 V p-p.
Table 15. SPI-Selectable Reference Settings
SPI-Selected Mode
Resulting
VREF (V)
Resulting Differential
Span (V p-p)
External Reference
N/A
2 × external reference
Internal Reference (Default)
1.0
2.0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com