Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD9277 Datasheet(PDF) 16 Page - Analog Devices

Part # AD9277
Description  Octal LNA/VGA/AAF/14-Bit ADC and CW I/Q Demodulator
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9277 Datasheet(HTML) 16 Page - Analog Devices

Back Button AD9277 Datasheet HTML 12Page - Analog Devices AD9277 Datasheet HTML 13Page - Analog Devices AD9277 Datasheet HTML 14Page - Analog Devices AD9277 Datasheet HTML 15Page - Analog Devices AD9277 Datasheet HTML 16Page - Analog Devices AD9277 Datasheet HTML 17Page - Analog Devices AD9277 Datasheet HTML 18Page - Analog Devices AD9277 Datasheet HTML 19Page - Analog Devices AD9277 Datasheet HTML 20Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 49 page
background image
AD9277
Rev. 0 | Page 15 of 48
–8
–10
–12
–6
–4
180,000
160,000
140,000
120,000
100,000
80,000
60,000
40,000
20,000
0
–2
0
2
4
6
8
10
12
CODES
Figure 11. Output-Referred Noise Histogram, GAIN+ = 0.0 V
–35 –30 –25 –20
70,000
60,000
50,000
40,000
30,000
20,000
10,000
0
–15 –10 –5
0
5
10 15 20 25 30 35
CODES
Figure 12. Output-Referred Noise Histogram, GAIN+ = 1.6 V
0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
12345
6789
10
FREQUENCY (MHz)
LNA GAIN = 21.3dB
LNA GAIN = 15.6dB
LNA GAIN = 17.9dB
Figure 13. Short-Circuit, Input-Referred Noise vs. Frequency,
PGA Gain = 30 dB, GAIN+ = 1.6 V
–140
–142
–138
–136
–134
–132
–130
–128
–126
0
0.2
0.4
0.6
0.8
GAIN+ (V)
1.0
1.2
1.4
1.6
LNA GAIN = 21.3dB
LNA GAIN = 17.9dB
LNA GAIN = 15.6dB
Figure 14. Short-Circuit, Output-Referred Noise vs. GAIN+
50
52
54
56
58
60
62
64
0.4
0.6
0.8
1.0
1.2
1.4
1.6
GAIN+ (V)
SNR
SINAD
Figure 15. SNR/SINAD vs. GAIN+, AIN = −1.0 dBFS
–25
–20
–15
–10
–5
0
0
5
10
15
20
25
30
35
40
FREQUENCY (MHz)
40MSPS
50MSPS
Figure 16. Antialiasing Filter (AAF) Pass-Band Response,
LPF Cutoff = fSAMPLE/4.5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com