Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD9670 Datasheet(PDF) 32 Page - Analog Devices

Part # AD9670
Description  Octal Ultrasound AFE with Digital Demodulator
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9670 Datasheet(HTML) 32 Page - Analog Devices

Back Button AD9670 Datasheet HTML 28Page - Analog Devices AD9670 Datasheet HTML 29Page - Analog Devices AD9670 Datasheet HTML 30Page - Analog Devices AD9670 Datasheet HTML 31Page - Analog Devices AD9670 Datasheet HTML 32Page - Analog Devices AD9670 Datasheet HTML 33Page - Analog Devices AD9670 Datasheet HTML 34Page - Analog Devices AD9670 Datasheet HTML 35Page - Analog Devices AD9670 Datasheet HTML 36Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 53 page
background image
Data Sheet
AD9670
Rev. A | Page 31 of 52
The format of the output data is twos complement by default.
Table 14 provides an example of the output coding format. To
change the output data format to twos complement, see the
Memory Map section.
Table 14. Digital Output Coding with RF Decimator Bypassed,
Demodulator Bypassed, and Baseband Decimator Bypassed
Code
(VIN+) − (VIN−),
Input Span = 2 V p-p (V)
Digital Output Mode: Twos
Complement (D13 to D0)
16384
+1.00
01 1111 1111 1111
8192
0.00
00 0000 0000 0000
8191
−0.000488
11 1111 1111 1111
0
−1.00
10 0000 0000 0000
Digital data from each channel is serialized based on the
number of lanes that are enabled (see Table 27). The maximum
data rate for each serial output lane is 1 Gbps. For 1 channel/
lane with a 14-bit data stream and an ADC sample clock of
70 MHz, the output data rate is 980 Mbps (14 bits × 70 MHz =
980 Mbps) with the RF decimator bypassed, the demodulator
bypassed, and the baseband decimator bypassed. For higher
sample rates, enabling the RF decimator is required.
Two output clocks are provided to assist in capturing data from
the AD9670. DCO± clocks the output data and is equal to seven
times the sampling clock rate in 14-bit mode with the RF decimator
bypassed, the demodulator bypassed, and the baseband decimator
bypassed. Data is clocked out of the AD9670 and must be captured
on the rising and falling edges of DCO±, which support double
data rate (DDR) capturing. The frame clock output (FCO±)
signals the start of a new output byte and is equal to the sampling
clock rate.
A 12-, 14-, or 16-bit serial stream can also be initiated from SPI
Register 0x021, Bits[1:0]. The user can implement different serial
streams and test device compatibility with lower and higher
resolution systems using these modes.
When using the SPI, all the data outputs can also be inverted
from their nominal state by setting Bit 2 in the output mode
register (Register 0x014). This is not to be confused with inverting
the serial stream to an LSB first mode. In default mode, as shown
in Figure 2, the MSB is represented first in the data output serial
stream. However, this order this can be inverted so that the LSB is
represented first in the data output serial stream.
Output Zero Stuffing
A zero stuffing feature handles the various decimation rates and
complex (IQ) vs. real samples. As the decimation rates increase,
relatively large amounts of zero stuffing can occur in the output
data stream.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com