Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD9670 Datasheet(PDF) 21 Page - Analog Devices

Part # AD9670
Description  Octal Ultrasound AFE with Digital Demodulator
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9670 Datasheet(HTML) 21 Page - Analog Devices

Back Button AD9670 Datasheet HTML 17Page - Analog Devices AD9670 Datasheet HTML 18Page - Analog Devices AD9670 Datasheet HTML 19Page - Analog Devices AD9670 Datasheet HTML 20Page - Analog Devices AD9670 Datasheet HTML 21Page - Analog Devices AD9670 Datasheet HTML 22Page - Analog Devices AD9670 Datasheet HTML 23Page - Analog Devices AD9670 Datasheet HTML 24Page - Analog Devices AD9670 Datasheet HTML 25Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 53 page
background image
AD9670
Data Sheet
Rev. A | Page 20 of 52
THEORY OF OPERATION
POST
AMP
LNA
GAIN–
GAIN+
SERIAL
LVDS
DEMOD/
DEC
FILTER
ATTENUATOR
–45dB TO 0dB
GAIN
INTERPOLATOR
PIPELINE
ADC
LOSW-x
LO-x
LI-x
LG-x
RESET+
MLO+
MLO–
RFB2
LO
GENERATION
15.6dB,
17.9dB,
21.6dB
21dB,
24dB,
27dB,
30dB
CWI+
CWI–
CWQ+
CWQ–
DOUTx+
DOUTx–
RESET–
TX_TRIG–
TX_TRIG+
RFB1
CLG
CSH
TRANSDUCER
CS
T/R
SWITCH
NCO
gm
Figure 33. Simplified Block Diagram of a Single Channel
Each channel in the AD9670 contains both a TGC signal path and
a CW Doppler signal path. Common to both signal paths, the
LNA provides four user adjustable input impedance termination
options for matching different probe impedances. The CW
Doppler path includes an I/Q demodulator with programmable
phase rotation needed for analog beamforming. The TGC path
includes a differential X-AMP® VGA, an antialiasing filter, an
ADC, and a digital demodulator and decimator. Figure 33 shows
a simplified block diagram with external components.
TGC OPERATION
The system gain for TGC operation is distributed as shown in
Table 7.
Table 7. Channel Analog Gain Distribution
Section
Nominal Gain (dB)
LNA
15.6/17.9/21.6 (LNAGAIN)
Attenuator
−45 to 0 (VGAATT)
VGA
21/24/27/30 (PGAGAIN)
Filter
0
ADC
0
Each LNA output is dc-coupled to a VGA input. The VGA
consists of an attenuator with a range of −45 dB to 0 dB, followed
by an amplifier with 21 dB/24 dB/27 dB/30 dB of gain. The X-AMP
gain interpolation technique results in low gain error and uniform
bandwidth, and differential signal paths minimize distortion.
The linear in dB gain (law conformance) range of the TGC path is
45 dB. The slope of the gain control interface is 14 dB/V, and the
gain control range is −1.6 V to +1.6 V. Equation 1 is the expression
for the differential voltage, VGAIN, at the gain control interface.
Equation 2 is the expression for the VGA attenuation, VGAATT,
as a function of VGAIN.
VGAIN (V) = (GAIN+) − (GAIN−)
(1)
VGAATT (dB) = −14 dB/V (1.6) − VGAIN
(2)
Then, calculate the total channel gain using Equation 3.
Channel Gain (dB) = LNAGAIN + VGAATT + PGAGAIN
(
3)
In its default condition, the LNA has a gain of 21.6 dB (12×),
and the VGA postamplifier gain is 24 dB. If the voltage on the
GAIN+ pin is 0 V and the voltage on the GAIN− pin is 1.6 V
(45.1 dB attenuation), the total gain of the channel is 0.5 dB if
the LNA input is unmatched. The channel gain is −5.5 dB if the
LNA is matched to 50 Ω (RFB = 300 Ω). However, if the voltage on
the GAIN+ pin is 1.6 V and the voltage on the GAIN− pin is 0 V
(0 dB attenuation), VGAATT = 0 dB. This results in a total gain of
45.3 dB through the TGC path if the LNA input is unmatched or a
total gain of 39.3 dB if the LNA input is matched.
In addition to the analog VGA attenuation described in Equation 2,
the attenuation level can be digitally controlled in 3.5 dB increm-
ents. In this case, Equation 3 is still valid and the value of VGAATT is
equal to the attenuation level set in SPI Register 0x011, Bits [7:4].
Low Noise Amplifier (LNA)
Good system sensitivity relies on a proprietary ultralow noise LNA
at the beginning of the signal chain, which minimizes the noise
contribution in the following VGA. Active impedance control
optimizes noise performance for applications that benefit from
input impedance matching.
The LNA inputs, LI-x, are capacitively coupled to the source.
An on-chip bias generator establishes dc input bias voltages of
approximately 2.2 V and centers the output common-mode levels
at 1.5 V (AVDD2 divided by 2). A capacitor, CLG, of the same
value as the input coupling capacitor, CS, is connected from the
LG-x pins into ground.
The LNA supports three gain settings, 21.6 dB, 17.9 dB, or 15.6 dB,
set through the SPI. Overload protection ensures quick recovery
time from large input voltages.
Low value feedback resistors and the current driving capability
of the output stage allow the LNA to achieve a low input referred
noise voltage of 0.78 nV/√Hz (at a gain of 21.6 dB). On-chip
resistor matching results in precise single-ended gains, which



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com