Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD9671EBZ Datasheet(PDF) 31 Page - Analog Devices

Part # AD9671EBZ
Description  Octal Ultrasound AFE with JESD204B
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9671EBZ Datasheet(HTML) 31 Page - Analog Devices

Back Button AD9671EBZ Datasheet HTML 27Page - Analog Devices AD9671EBZ Datasheet HTML 28Page - Analog Devices AD9671EBZ Datasheet HTML 29Page - Analog Devices AD9671EBZ Datasheet HTML 30Page - Analog Devices AD9671EBZ Datasheet HTML 31Page - Analog Devices AD9671EBZ Datasheet HTML 32Page - Analog Devices AD9671EBZ Datasheet HTML 33Page - Analog Devices AD9671EBZ Datasheet HTML 34Page - Analog Devices AD9671EBZ Datasheet HTML 35Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 61 page
background image
AD9675
Data Sheet
Rev. A | Page 30 of 60
Figure 45. AD9675 Transmit Link Simplified Block Diagram
Figure 45 shows a simplified block diagram of the AD9675
JESD204B link. By default, the AD9675 is configured to use
eight channels and four lanes. Channel A and Channel B data is
output to SERDOUT1±, Channel C and Channel D data is
output to SERDOUT2±, Channel E and Channel F data is
output to SERDOUT3±, and Channel G and Channel H data is
output to SERDOUT4±. The AD9675 allows other configura-
tions such as combining the outputs of the eight channels onto a
single lane.
By default in the AD9675, the 14-bit converter word from each
converter is broken into two octets (eight bits of data). Bit 0
(MSB) through Bit 7 are in the first octet. The second octet
contains Bit 8 through Bit 13 (LSB) and two tail bits. The tail
bits can be configured as zeros or a pseudorandom number
sequence.
The two resulting octets can be scrambled. Scrambling is optional
but is available to avoid spectral peaks when transmitting similar
digital data patterns. The scrambler uses a self synchronizing
polynomial-based algorithm defined by the equation: 1 + x14 + x15.
The descrambler in the receiver must be a self synchronizing
version of the scrambler polynomial.
The two octets are then encoded with an 8-bit/10-bit encoder. The
8-bit/10-bit encoder works by taking eight bits of data (an octet)
and encoding them into a 10-bit symbol. Figure 46 shows how
the 14-bit data is taken from the ADC, the tail bits are added, the
two octets are scrambled, and how the octets are encoded into
two 10-bit symbols. Figure 46 illustrates the default data format.
At the data link layer, in addition to the 8-bit/10-bit encoding,
the character replacement allows the receiver to monitor frame
alignment. The character replacement process occurs on the
frame and multiframe boundaries, and implementation depends
on which boundary is occurring and if scrambling is enabled.
If scrambling is disabled, the following applies. If the last
scrambled octet of the last frame of the multiframe equals the
last octet of the previous frame, the transmitter replaces the last
octet with the control character /A/ = /K28.3/. On other frames
within the multiframe, if the last octet in the frame equals the
last octet of the previous frame, the transmitter replaces the last
octet with the control character /F/ = /K28.7/.
If scrambling is enabled, the following applies. If the last octet of
the last frame of the multiframe equals 0x7C, the transmitter
replaces the last octet with the control character /A/ = /K28.3/.
On other frames within the multiframe, if the last octet equals
0xFC, the transmitter replaces the last octet with the control
character /F/ = /K28.7/.
Refer to JEDEC Standard JESD204B (July 2011) for additional
information about the JESD204B interface. Section 5.1
describes the transport layer and data format details, and
Section 5.2 describes scrambling and descrambling.
JESD204B Synchronization Details
The AD9675 is a JESD204B Subclass 0 device and establishes
synchronization of the link through three control signals,
SYNCINB, TX_TRIG, optionally SYSREF, and typically a
common device clock. SYNCINB, TX_TRIG, and SYSREF are
assumed to be common to all converter devices for alignment
purposes at the system level.
The synchronization process is accomplished over three phases:
code group synchronization (CGS) phase, initial lane alignment
sequence (ILAS) phase, and data transmission phase. Note that
if scrambling is enabled, the bits are not actually scrambled
until the data transmission phase. The CGS and ILAS phases do
not use scrambling.
CGS Phase
In this phase, the JESD204B transmit block transmits /K28.5/
characters in response to a synchronization request from the
receiver (SYNCINB signal asserted). The receiver (external
logic device) must locate K28.5 characters in its input data
stream using clock and data recovery (CDR) techniques.
After a certain number of consecutive K28.5 characters are
detected on all link lanes, the receiver can optionally initiate a
SYS_REF edge so that the AD9675 transmit data establishes a
local multiframe clock (LMFC) internally. The AD9675 is a
subclass 0 device that does not mandate SYS_REF for multi-
device synchronization. The use of SYS_REF reduces the
latency variation between devices and reduce the absolute
latency of each device to some extent. However, SYS_REF does
not meet the full requirements of a JESD204B subclass 1 device,
and the primary synchronization tool on the AD9675 is to use
the global TX_TRIG signal that embed a START_CODE into
the data stream simultaneously for all devices.
After synchronizing all lanes, the receiver or logic device
deasserts the SYNCINB signal (SYNCINB± goes high), and the
transmitter block begins the ILAS phase, if enabled, on the next
internal LMFC boundary.
ILAS Phase
In the ILAS phase, the transmitter sends out a known pattern
and the receiver aligns all lanes of the link and verifies the
parameters of the link.
OUTPUT
SAMPLES
FROM CHANNEL
TRANSPORT
LAYER
DATA LINK
LAYER
PHYSICAL
LAYER
SCRAMBLER
SERIALIZER
FRAME
CONSTRUCTION
8-BIT/10-BIT
ENCODER
SAMPLE
CONSTRUCTION
LANE
ALIGNMENT
CHARACTER
GENERATION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com