Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD9671EBZ Datasheet(PDF) 24 Page - Analog Devices

Part # AD9671EBZ
Description  Octal Ultrasound AFE with JESD204B
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9671EBZ Datasheet(HTML) 24 Page - Analog Devices

Back Button AD9671EBZ Datasheet HTML 20Page - Analog Devices AD9671EBZ Datasheet HTML 21Page - Analog Devices AD9671EBZ Datasheet HTML 22Page - Analog Devices AD9671EBZ Datasheet HTML 23Page - Analog Devices AD9671EBZ Datasheet HTML 24Page - Analog Devices AD9671EBZ Datasheet HTML 25Page - Analog Devices AD9671EBZ Datasheet HTML 26Page - Analog Devices AD9671EBZ Datasheet HTML 27Page - Analog Devices AD9671EBZ Datasheet HTML 28Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 61 page
background image
Data Sheet
AD9675
Rev. A | Page 23 of 60
Table 9. Active Termination External Component Values
LNA Gain (dB)
RIN (Ω)
RFB (Ω)
Minimum CSH (pF)
15.6
50
150
90
17.9
50
200
70
21.6
50
300
50
15.6
100
350
30
17.9
100
450
20
21.6
100
650
10
15.6
200
750
Not applicable
17.9
200
950
Not applicable
21.6
200
1350
Not applicable
LNA Noise
The short-circuit noise voltage (input referred noise) is an impor-
tant limit on system performance. The short-circuit noise voltage
for the LNA is 0.78 nV/√Hz at a gain of 21.6 dB, including the
VGA noise at a VGA postamp gain of 27 dB. These measurements,
which were taken without a feedback resistor, provide the basis
for calculating the input noise and noise figure (NF) performance.
Figure 35 and Figure 36 are simulations of noise figure vs. RS
results with different input configurations and an input referred
noise voltage of 2.5 nV/√Hz for the VGA. Unterminated (RFB = ∞)
operation exhibits the lowest equivalent input noise and noise
figure. Figure 36 shows the noise figure vs. source resistance rising
at low RS, where the LNA voltage noise is large compared with
the source noise, and at high RS due to the noise contribution
from RFB. The lowest NF is achieved when RS matches RIN.
Figure 35 shows the relative noise figure performance. With an
LNA gain of 21.6 dB, the input impedance is swept with RS to
preserve the match at each point. The noise figures for a source
impedance of 50 Ω are 7 dB, 4 dB, and 2.5 dB for the shunt
termination, active termination, and unterminated configura-
tions, respectively. The noise figures for 200 Ω are 4.5 dB, 1.7 dB,
and 1 dB, respectively.
Figure 35. Noise Figure vs. RS for Shunt Termination, Active
Termination Matched and Unterminated Inputs, VGAIN = 1.6 V
Figure 36 shows the noise figure as it relates to RS for various
values of RIN, which is helpful for design purposes.
Figure 36. Noise Figure vs. RS for Various Fixed Values of RIN,
Active Termination Matched Inputs, VGAIN = 1.6 V
CLNA Connection
CLNA (Pin B7) must have a 1 nF capacitor attached to AVDD2.
DC Offset Correction/High-Pass Filter
The AD9675 LNA architecture corrects for dc offset voltages
that can develop on the external CS capacitor due to leakage of
the transmit (Tx)/receive (Rx) switch during ultrasound
transmit cycles. The dc offset correction, as shown in Figure 37,
provides a feedback mechanism to the LG-x input of the LNA
to correct for this dc voltage.
Figure 37. Simplified LNA Input Configuration
The feedback acts as high-pass filter providing dynamic
correction of the dc offset. The cutoff frequency of the high-
pass filter response is dependent on the value of the CLG
capacitor, the gain of the LNA (LNAGAIN) and the gm of the
feedback transconductance amplifier. The gm value is
programmed in Register 0x120, Bits[4:3]. Ensure that CS is
equal to CLG for proper operation.
Table 10. High-Pass Filter Cutoff Frequency, fHP, for CLG = 10 nF
Address
0x120[4:3]
gm
LNAGAIN =
15.6 dB
LNAGAIN =
17.9 dB
LNAGAIN =
21.6 dB
00 (default)
0.5 mS
41 kHz
55 kHz
83 kHz
01
1.0 mS
83 kHz
110 kHz
167 kHz
10
1.5 mS
133 kHz
178 kHz
267 kHz
11
2.0 mS
167 kHz
220 kHz
330 kHz
10
100
1k
0
1.5
3.0
4.5
6.0
7.5
9.0
10.5
12.0
RS (Ω)
UNTERMINATED
ACTIVE TERMINATION
SHUNT TERMINATION
10
100
1k
0
1
2
3
4
5
6
7
8
RS (Ω)
RIN = 50Ω
RIN = 75Ω
RIN = 100Ω
RIN = 200Ω
UNTERMINATED
LNA
LOSW-x
LO-x
LI-x
LG-x
RFB2
RFB1
CLG
CSH
TRANSDUCER
CS
Tx/Rx
SWITCH
15.6dB,
17.9dB,
21.6dB
AD9675
DC OFFSET
CORRECTION
gm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com