Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EL5191CSZ Datasheet(PDF) 8 Page - Intersil Corporation

Part # EL5191CSZ
Description  1GHz Current Feedback Amplifier with Enable
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

EL5191CSZ Datasheet(HTML) 8 Page - Intersil Corporation

Back Button EL5191CSZ Datasheet HTML 4Page - Intersil Corporation EL5191CSZ Datasheet HTML 5Page - Intersil Corporation EL5191CSZ Datasheet HTML 6Page - Intersil Corporation EL5191CSZ Datasheet HTML 7Page - Intersil Corporation EL5191CSZ Datasheet HTML 8Page - Intersil Corporation EL5191CSZ Datasheet HTML 9Page - Intersil Corporation EL5191CSZ Datasheet HTML 10Page - Intersil Corporation EL5191CSZ Datasheet HTML 11Page - Intersil Corporation EL5191CSZ Datasheet HTML 12Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 17 page
background image
8
Typical Performance Curves (Continued)
Closed Loop Output Impedance vs Frequency
100
Frequency (Hz)
100
0.001
0.1
10
0.01
1
1k
10M
1G
100k
10
0
4
8
2
6
0
Supply Voltage (V)
Supply Current vs Supply Voltage
12
210
8
6
4
10k
100M
1M
Differential Gain/Phase vs DC Input
Voltage at 3.58MHz
0.03
0.01
-0.01
-0.03
-0.05
-1
-0.5
0
0.5
1
DC Input Voltage
dP
dG
AV = 2
RF = RG = 250Ω
RL = 150Ω
0.03
0.02
0.01
0
-0.01
-0.02
-0.03
-0.04
Differential Gain/Phase vs DC Input
Voltage at 3.58MHz
-1
-0.5
0
0.5
1
DC Input Voltage
AV = 1
RF = 375Ω
RL = 500Ω
dP
dG
2nd and 3rd Harmonic Distortion vs Frequency
1
Frequency (MHz)
10
100
200
-10
-100
-60
-20
-80
-40
-70
-30
-90
-50
AV = +2
VOUT = 2VP-P
RL = 100Ω
Two-Tone 3rd Order
Input Referred Intermodulation Intercept (IIP3)
10
Frequency (MHz)
100
200
30
-15
10
15
20
25
-10
-5
0
5
AV = +2
RL = 100Ω
3rd Order
Distortion
2nd Order
Distortion
EL5191, EL5191A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com