Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EL5191CSZ Datasheet(PDF) 11 Page - Intersil Corporation

Part # EL5191CSZ
Description  1GHz Current Feedback Amplifier with Enable
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

EL5191CSZ Datasheet(HTML) 11 Page - Intersil Corporation

Back Button EL5191CSZ Datasheet HTML 7Page - Intersil Corporation EL5191CSZ Datasheet HTML 8Page - Intersil Corporation EL5191CSZ Datasheet HTML 9Page - Intersil Corporation EL5191CSZ Datasheet HTML 10Page - Intersil Corporation EL5191CSZ Datasheet HTML 11Page - Intersil Corporation EL5191CSZ Datasheet HTML 12Page - Intersil Corporation EL5191CSZ Datasheet HTML 13Page - Intersil Corporation EL5191CSZ Datasheet HTML 14Page - Intersil Corporation EL5191CSZ Datasheet HTML 15Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 17 page
background image
11
Typical Performance Curves (Continued)
Typical Performance Curves (Continued)
Positive Output Swing vs Temperature for Various
Loads
4.2
4.1
4
3.9
3.8
3.7
3.6
3.5
-40
10
60
110
160
Temperature (°C)
150
Ω
1k
Ω
Negative Output Swing vs Temperature for Various
Loads
-3.5
-3.6
-3.7
-3.9
-4
-4.1
-4.2
-40
10
60
110
160
Temperature (°C)
-3.8
150
Ω
1k
Ω
Slew Rate vs Temperature
5000
4000
3000
-40
10
60
110
160
Die Temperature (°C)
4500
3500
Output Current vs Temperature
140
135
130
125
120
115
-40
10
60
110
160
Die Temperature (°C)
AV = 2
RF = RG = 250Ω
RL = 150Ω
Source
Sink
Enable Response
20ns/div
500mV/div
5V/div
Disable Response
400ns/div
500mV/div
5V/div
EL5191, EL5191A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com