Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FDMF6705 Datasheet(PDF) 11 Page - ON Semiconductor

Part # FDMF6705
Description  Extra-Small, High-Performance, High-Frequency DrMOS Module
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

FDMF6705 Datasheet(HTML) 11 Page - ON Semiconductor

Back Button FDMF6705 Datasheet HTML 7Page - ON Semiconductor FDMF6705 Datasheet HTML 8Page - ON Semiconductor FDMF6705 Datasheet HTML 9Page - ON Semiconductor FDMF6705 Datasheet HTML 10Page - ON Semiconductor FDMF6705 Datasheet HTML 11Page - ON Semiconductor FDMF6705 Datasheet HTML 12Page - ON Semiconductor FDMF6705 Datasheet HTML 13Page - ON Semiconductor FDMF6705 Datasheet HTML 14Page - ON Semiconductor FDMF6705 Datasheet HTML 15Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 21 page
background image
© 2011 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FDMF6705 • Rev. 1.0.4
10
Typical Performance Characteristics (Continued)
Test Conditions: VIN=12 V, VOUT=1.0 V, VCIN=5 V, VDRV=5 V, LOUT=320 nH, TA=25°C, and natural convection cooling,
unless otherwise specified.
Figure 18. PWM Thresholds vs. Temperature
Figure 19. SMOD# Thresholds vs. Driver Supply
Voltage
Figure 20. SMOD# Thresholds vs. Temperature
Figure 21. SMOD# Pull-Up Current vs. Temperature
Figure 22. DISB# Thresholds vs. Driver Supply
Voltage
Figure 23. DISB# Thresholds vs. Temperature
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
-50
-25
0
25
50
75
100
125
150
Driver IC Junction Temperature, TJ (°C)
VCIN = 5V
VIH_PWM
VTRI_HI
VTRI_LO
VIL_PWM
1.2
1.4
1.6
1.8
2.0
2.2
4.50
4.75
5.00
5.25
5.50
Driver Supply Voltage, VCIN (V)
VIH_SMOD
VIL_SMOD
TA = 25°C
1.3
1.4
1.5
1.6
1.7
1.8
1.9
2.0
-50
-25
0
25
50
75
100
125
150
Driver IC Junction Temperature, TJ (°C)
VIH_SMOD
VCIN = 5V
VIL_SMOD
-12.0
-11.5
-11.0
-10.5
-10.0
-9.5
-9.0
-50
-25
0
25
50
75
100
125
150
Driver IC Junction Temperature, TJ (oC)
VCIN = 5V
1.3
1.4
1.5
1.6
1.7
1.8
1.9
2.0
2.1
4.50
4.75
5.00
5.25
5.50
Driver Supply Voltage, VCIN (V)
VIH_DISB
TA = 25oC
VIL_DISB
1.40
1.50
1.60
1.70
1.80
1.90
2.00
-50
-25
0
25
50
75
100
125
150
Driver IC Junction Temperature, TJ (°C)
VIH_DISB
VIL_DISB
VCIN = 5V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com