Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AP3968 Datasheet(PDF) 4 Page - Diodes Incorporated

Part # AP3968
Description  PRIMARY SIDE POWER SWITCHER FOR OFF-LINE SMPS
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP3968 Datasheet(HTML) 4 Page - Diodes Incorporated

  AP3968 Datasheet HTML 1Page - Diodes Incorporated AP3968 Datasheet HTML 2Page - Diodes Incorporated AP3968 Datasheet HTML 3Page - Diodes Incorporated AP3968 Datasheet HTML 4Page - Diodes Incorporated AP3968 Datasheet HTML 5Page - Diodes Incorporated AP3968 Datasheet HTML 6Page - Diodes Incorporated AP3968 Datasheet HTML 7Page - Diodes Incorporated AP3968 Datasheet HTML 8Page - Diodes Incorporated AP3968 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
AP3968/69/70
Document number: DS36759 Rev. 2 - 2
4 of 15
www.diodes.com
December 2013
© Diodes Incorporated
AP3968/69/70
A Product Line of
Diodes Incorporated
Absolute Maximum Ratings (Note 5)
Symbol
Parameter
Rating
Unit
VCC
Supply Voltage
-0.3 to 22
V
VFB
FB Input Voltage
-1 to 10
V
VCBO
Collector-emitter Voltage
700
V
Collector DC Current
AP3968/69
1.5
A
AP3970
4
TJ
Operating Junction Temperature
+150
°C
TSTG
Storage Temperature
-65 to +150
°C
TLEAD
Lead Temperature (Soldering, 10 sec)
+300
°C
ESD (Machine Model)
200
V
ESD (Human Body Model)
2000
V
PD
Total Power Dissipation
AP3968
0.7
W
AP3969
0.9
AP3970
1.1
Note 5
: Stresses greater than those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and
functional operation of the
device at these or any other conditions beyond those indicated under “Recommended Operating Conditions” is not implied.
Exposure to “Absolute Maximum Ratings” for extended periods may affect device reliability.
Recommended Operating Conditions
Symbol
Parameter
Min
Max
Unit
VCC
Supply Voltage
22
V
TOP
Operating Temperature Range
-40
+85
°C
f(MAX)
Maximum Operating Frequency
60
kHz
Thermal Impedance
Symbol
Parameter
Value
Unit
θJA
Junction to Ambient
AP3968
100
°C/W
AP3969
80
AP3970
65
θJC
Junction to Case
AP3968
50
AP3969
40
AP3970
35



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com