Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AP3968 Datasheet(PDF) 3 Page - Diodes Incorporated

Part # AP3968
Description  PRIMARY SIDE POWER SWITCHER FOR OFF-LINE SMPS
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP3968 Datasheet(HTML) 3 Page - Diodes Incorporated

  AP3968 Datasheet HTML 1Page - Diodes Incorporated AP3968 Datasheet HTML 2Page - Diodes Incorporated AP3968 Datasheet HTML 3Page - Diodes Incorporated AP3968 Datasheet HTML 4Page - Diodes Incorporated AP3968 Datasheet HTML 5Page - Diodes Incorporated AP3968 Datasheet HTML 6Page - Diodes Incorporated AP3968 Datasheet HTML 7Page - Diodes Incorporated AP3968 Datasheet HTML 8Page - Diodes Incorporated AP3968 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
AP3968/69/70
Document number: DS36759 Rev. 2 - 2
3 of 15
www.diodes.com
December 2013
© Diodes Incorporated
AP3968/69/70
A Product Line of
Diodes Incorporated
Pin Descriptions
Pin Number
Pin Name
Function
SO-7/PDIP-7
PDIP-8
1
1
CPC
This pin connects a capacitor to GND for output cable compensation
2
2
FB
The voltage feedback from auxiliary winding
3
3
VCC
This pin receives rectified voltage from the auxiliary winding of the transformer
4
4
CS
Current sense for primary side of transformer
5, 6
5, 6
C
This pin is connected with an internal power BJT’s collector
–
7
NC
Not connected
7
8
GND
This pin is the signal reference ground
Functional Block Diagram
Regulator
&
Bias
OVP
&
OCkP
0.1V
VFB
pfm
Tons
UVLO
COMP
EA
UVLO
CV_ctrl
pfm
Driver
R
Q
S
R
Q
S
Tons
CC_ctrl
FB
CS
CPC
VCC
C
GND
Cable Drop
Compensation
Constant
Voltage
Peak
Current
Control&
LEB
Constant
Current Control
Tonsec
Detector
Line Voltage
Compensation
Audible
Noise
Suppression
Buffer
1 (1)
2 (2)
3 (3)
4 (4)
5,6 (5,6)
7 (8)
A(B)
A for SO-7/PDIP-7
B for PDIP-8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com