Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AP3983BCD Datasheet(PDF) 5 Page - Diodes Incorporated

Part # AP3983BCD
Description  HIGH FREQUENCY PRIMARY SIDE POWER SWITCHER FOR OFF-LINE SMPS
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP3983BCD Datasheet(HTML) 5 Page - Diodes Incorporated

  AP3983BCD Datasheet HTML 1Page - Diodes Incorporated AP3983BCD Datasheet HTML 2Page - Diodes Incorporated AP3983BCD Datasheet HTML 3Page - Diodes Incorporated AP3983BCD Datasheet HTML 4Page - Diodes Incorporated AP3983BCD Datasheet HTML 5Page - Diodes Incorporated AP3983BCD Datasheet HTML 6Page - Diodes Incorporated AP3983BCD Datasheet HTML 7Page - Diodes Incorporated AP3983BCD Datasheet HTML 8Page - Diodes Incorporated AP3983BCD Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
AP3983B/C/D
Document number: DS36784 Rev. 4 - 2
5 of 13
www.diodes.com
July 2016
© Diodes Incorporated
AP3983B/C/D
Electrical Characteristics (@VCC = 15V, TJ = +25°C, unless otherwise specified.)
Symbol
Parameter
Condition
Min
Typ
Max
Unit
STARTUP AND UVLO SECTION
VTH_ST
Turn-on Voltage
13
15.5
18
V
VOPR(MIN)
Turn-off Voltage
6
6.8
7.6
V
STANDBY CURRENT SECTION
IST
Turn-on Current
VCC = VTH_ST-1V before
startup
0
0.2
0.6
μA
ICC_OPR
Operating Current
Static current @ no load
350
500
650
OPERATING FREQUENCY SECTION (5% LOAD TO FULL LOAD)
fS(MAX)
Operating Frequency in Full Load
Condition
65
80
kHz
Δf/f
Frequency Dithering
5% to 100% of full load
range
4
7
10
%
OPERATING FREQUENCY SECTION (NO LOAD TO 5% OF IOUT(MAX))
fS(MIN)
Output Voltage Detection Frequency
1.8
2
2.2
kHz
CURRENT SENSE SECTION
VCS_H
Peak Current Sense Voltage in Heavy
Load
30% to 100% of full load
828
900
972
mV
ΔVCS/VCS
VCS Modulation for Frequency Dithering
2.5
%
tMOD
VCS Modulation Period
250
μs
RLINE
Built-in Line Compensation Resistor
230
tLEB
Leading Edge Blanking
@ VCS_H and VCS_M
410
500
575
ns
@ VCS_EL
220
250
288
ns
CONSTANT VOLTAGE SECTION
VFB
Equivalent Feedback Voltage @ Light
Load
Closed loop test of VOUT
3.89
3.95
4.01
V
RFB
FB Pin Input Resistance
560
700
840
k
VCABLE/VOUT
Cable Compensation Ratio
(VFB@FULLLOAD-VFB)/VFB
5.65
6.00
6.40
%
CONSTANT CURRENT SECTION
tONS/tSW
Secondary Winding Conduction Duty
VFB = 2V
4/8
POWER MOSFET SECTION
BVDSS
Drain-Source Breakdown Voltage
650
V
RDS(ON)
On State Resistor
AP3983B
9
12
AP3983C
5
6
AP3983D
2.4
3
PROTECTION FUNCTION SECTION
VFB(OVP)
Over Voltage Protection
7.5
V
VFB(SCP)
Short Circuit Protection
VFB @ Hiccup
1.4
1.5
1.6
V
TOTP
Shutdown Temperature
+125
+160
°C
THYS
Temperature Hysteresis
+40
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com