Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AP3983BCD Datasheet(PDF) 8 Page - Diodes Incorporated

Part # AP3983BCD
Description  HIGH FREQUENCY PRIMARY SIDE POWER SWITCHER FOR OFF-LINE SMPS
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP3983BCD Datasheet(HTML) 8 Page - Diodes Incorporated

Back Button AP3983BCD Datasheet HTML 4Page - Diodes Incorporated AP3983BCD Datasheet HTML 5Page - Diodes Incorporated AP3983BCD Datasheet HTML 6Page - Diodes Incorporated AP3983BCD Datasheet HTML 7Page - Diodes Incorporated AP3983BCD Datasheet HTML 8Page - Diodes Incorporated AP3983BCD Datasheet HTML 9Page - Diodes Incorporated AP3983BCD Datasheet HTML 10Page - Diodes Incorporated AP3983BCD Datasheet HTML 11Page - Diodes Incorporated AP3983BCD Datasheet HTML 12Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 13 page
background image
AP3983B/C/D
Document number: DS36784 Rev. 4 - 2
8 of 13
www.diodes.com
July 2016
© Diodes Incorporated
AP3983B/C/D
Operation Description (Cont.)
Leading Edge Blanking (LEB)
When the power switch is turned on, a turn-on spike on the output pulse rising edge will occur on the sense-resistor. To avoid false termination of
the switching pulse, a typical 500ns leading edge blanking is built in. During this blanking period, the current sense comparator is disabled and the
gate driver cannot be switched off.
The built-in LEB in AP3983B/C/D has shorter delay time from current sense terminal to output pulse than those IC solutions adopting external RC
filter as LEB.
Built-in Cable Compensation
The AP3983B/C/D has built-in fixed voltage of 0.3V typical to compensate the drop of output cable when the load is changed from zero to full load.
A typical 10nF external capacitor connected to the CPC pin is used to smooth voltage signal for cable compensation.
Over Temperature Protection
The AP3983B/C/D has internal thermal sensing circuit to shut down the PFM driver output when the die temperature reaches +160°C typical.
When the die temperature drops about +40°C, the IC will recover automatically to normal operation.
Ordering Information
AP3983X XX XX - XX
Packing
Package
TR : Tape & Reel
M : SO-7
G1 : Green
Product Name
RoHS/Green
AP3983B
AP3983C
AP3983D
P7 : PDIP-7
Blank : Tube
Package
Temperature Range
Part Number
Marking ID
Packing
SO-7
-40°C to +105°C
AP3983BMTR-G1
3983BM-G1
4000/Tape & Reel
SO-7
AP3983CMTR-G1
3983CM-G1
4000/Tape & Reel
PDIP-7
AP3983CP7-G1
AP3983CP7-G1
50/Tube
PDIP-7
AP3983DP7-G1
AP3983DP7-G1
50/Tube



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com