Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SSD1852 Datasheet(PDF) 21 Page - List of Unclassifed Manufacturers

Part # SSD1852
Description  LCD Segment / Common Driver With Controller CMOS
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

SSD1852 Datasheet(HTML) 21 Page - List of Unclassifed Manufacturers

Back Button SSD1852 Datasheet HTML 17Page - List of Unclassifed Manufacturers SSD1852 Datasheet HTML 18Page - List of Unclassifed Manufacturers SSD1852 Datasheet HTML 19Page - List of Unclassifed Manufacturers SSD1852 Datasheet HTML 20Page - List of Unclassifed Manufacturers SSD1852 Datasheet HTML 21Page - List of Unclassifed Manufacturers SSD1852 Datasheet HTML 22Page - List of Unclassifed Manufacturers SSD1852 Datasheet HTML 23Page - List of Unclassifed Manufacturers SSD1852 Datasheet HTML 24Page - List of Unclassifed Manufacturers SSD1852 Datasheet HTML 25Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 55 page
background image
SSD1852
Rev 1.0
01/2003
SOLOMON
16
7.11 Display Data Latch
This block is a series of latches carrying the display signal information. These latches
hold the data, which will be fed to HV Buffer Cell and Level Selector to output the required
voltage levels. The number of latches are 128+129= 257
7.12 HV Buffer Cell (Level Shifter)
HV Buffer Cell works as a level shifter that translates the low voltage output signal to the
required driving voltage. The output is shifted out with an internal FRM clock that comes from
the Display Timing Generator. The voltage levels are given by the level selector which is
synchronized with the internal M signal.
7.13 Level Selector
Level Selector is a control of the display synchronization. Display voltage can be
separated into two sets and used with different cycles. Synchronization is important since it
selects the required LCD voltage level to the HV Buffer Cell, which in turn outputs the ROW or
SEG LCD waveform.
7.14 LCD Panel Driving Waveform
The following is an example of how the Common and Segment drivers may be connected
to a LCD panel. The waveforms are shown in Figure 8 illustrating the desired multiplex scheme
with N-line Inversion feature disabled (default).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com