Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SSD1852 Datasheet(PDF) 13 Page - List of Unclassifed Manufacturers

Part # SSD1852
Description  LCD Segment / Common Driver With Controller CMOS
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

SSD1852 Datasheet(HTML) 13 Page - List of Unclassifed Manufacturers

Back Button SSD1852 Datasheet HTML 9Page - List of Unclassifed Manufacturers SSD1852 Datasheet HTML 10Page - List of Unclassifed Manufacturers SSD1852 Datasheet HTML 11Page - List of Unclassifed Manufacturers SSD1852 Datasheet HTML 12Page - List of Unclassifed Manufacturers SSD1852 Datasheet HTML 13Page - List of Unclassifed Manufacturers SSD1852 Datasheet HTML 14Page - List of Unclassifed Manufacturers SSD1852 Datasheet HTML 15Page - List of Unclassifed Manufacturers SSD1852 Datasheet HTML 16Page - List of Unclassifed Manufacturers SSD1852 Datasheet HTML 17Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 55 page
background image
SSD1852
Rev 1.0
01/2003
SOLOMON
8
6
PIN DESCRIPTION
6.1
RES
This pin is reset signal input. When the pin is low, initialization of the chip is executed.
6.2
PS0 & PS1
These two pins determine the interface protocol between the driver and MCU. Refer to the
following table.
PS0
PS1
Interface
L
L
3-wire SPI (write only)
L
H
4-wire SPI (write only)
H
L
8080 parallel interface (read and write allowed)
H
H
6800 parallel interface (read and write allowed)
6.3
CS
This pin is chip select input. The chip is enabled for display data/command transfer only when
CS
is low.
6.4
D/ C
This input pin is to identify display data/command cycle. When the pin is high, the data written to
the driver will be written into display RAM. When the pin is low, the data will be interpreted as
command. This pin must be connected to VSS when 3-lines SPI interface is used.
6.5
R/W ( WR )
This pin is a microprocessor interface signal. When interfacing 6800-series microprocessor, the
signal indicates read mode when high and write mode when low. When interfacing 8080-
microprocessor, the data write operation is initiated when R/W( WR ) is low and the chip is
selected.
6.6
E( RD )
This pin is microprocessor interface signal. When interfacing 6800-series microprocessor, the
data operation is initiated when E( RD ) is high and the chip is selected. When interfacing 8080-
microprocessor, the data read operation is initiated when E( RD ) is low and the chip is selected.
6.7
D0~D7
These pins are 8-bit bi-directional data bus to be connected to the microprocessor’s data bus.
When serial mode is selected, D7 is the serial data input SDA and D6 is the serial clock input
SCK.
6.8
INTRS
This pin is an input pin to enable the internal resistors network for the voltage regulator when
INTRS is high. When external regulator is used, this pin must be connected to VSS, and external
resistors R2/R1 should be connected to VL6, VR and VSS.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com