Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SSD1850Z Datasheet(PDF) 29 Page - List of Unclassifed Manufacturers

Part # SSD1850Z
Description  CMOS LCD Segment / Common Driver with Controller
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

SSD1850Z Datasheet(HTML) 29 Page - List of Unclassifed Manufacturers

Back Button SSD1850Z Datasheet HTML 25Page - List of Unclassifed Manufacturers SSD1850Z Datasheet HTML 26Page - List of Unclassifed Manufacturers SSD1850Z Datasheet HTML 27Page - List of Unclassifed Manufacturers SSD1850Z Datasheet HTML 28Page - List of Unclassifed Manufacturers SSD1850Z Datasheet HTML 29Page - List of Unclassifed Manufacturers SSD1850Z Datasheet HTML 30Page - List of Unclassifed Manufacturers SSD1850Z Datasheet HTML 31Page - List of Unclassifed Manufacturers SSD1850Z Datasheet HTML 32Page - List of Unclassifed Manufacturers SSD1850Z Datasheet HTML 33Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 56 page
background image
SSD1850/51 Series
Rev 1.2
01/2003
SOLOMON
25
B0~BF
1
0
1
1
P3
P2
P1
P0
Set Page Address
Set GDDRAM page address (0~10)
using P3P2P1P0 for RAM access. The
page address is sets to 0 after reset.
C0~CF
1
1
0
0
S0
X
X
X
Set COM Output
Scan Direction
S0=0: Normal mode (POR)
S0=1: Remapped mode. COM0 to
COM[N-1] becomes COM[N-1] to
COM0 when the duty is set to N. See
Figure 5 as an example for N equals to
80.
*Note: This command will not affect the
display of the icon lines
D0~E0
Reserved
Reserved
E1
1
1
1
0
0
0
0
1
Exit Power-save
Mode
DC-DC converter, regulator and divider
status before entering the power-save
mode is restored. At POR, Power-save
Mode is released.
E2
1
1
1
0
0
0
1
0
Software Reset
Initialize some internal registers
E3
Reserved
Reserved
E4
1
1
1
0
0
1
0
0
Exit N-line
Inversion
The frame will be inverted once per
frame
E5~E7
Reserved
Reserved
E8
1
D7
1
D6
1
D5
0
D4
1
D3
0
D2
0
D1
0
D0
Set Display Data
Length
This command is valid only at 3-wire
SPI (PS0=PS1=L)
The next command specifies the
number of bytes of display data to be
written after this composite command.
D(7:0)=00: 1 byte of display data is to
be sent
D(7:0)=FF: 256 bytes of display data is
to be sent
E9~EF
Reserved
Reserved
F0~FF
1
1
1
1
X
X
X
X
Extended
Features
Test mode commands and Extended
features, see Extended Command
Table.
Extended Command Table
Bit Pattern
Command
Description
11110000
000000X1X0
X1X0 : Set VL6 noise reduction
X1X0 = 00: Enable (POR)
X1X0 = 11: Normal
Remarks: This command is only valid for the
IC version with G prefix notation on the “DTE”
(datecode) field of label printed on die tray
cover, intermediates and outer boxes.
11110001
00001X2X1X0
X2X1X0 : Set TC Value
X2X1X0 = 000: -0.05%/
°C (POR)
X2X1X0 = 001: -0.07%/
°C
11110111
0000000X0
Select Oscillator Source
X0 = 0: Internal RC oscillator is selected
(POR)
X0 = 1: External oscillator from CL pin is
selected
11110010
00000X2X1X0
Oscillator Adjustment
X2X1X0 = 000: -9%
X2X1X0 = 001: -6%
X2X1X0 = 010: -3%
X2X1X0 = 011: 0 (POR)
X2X1X0 = 100: +3%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com