| Electronic Components Datasheet Search |
|
SSD1850Z Datasheet(PDF) 32 Page - List of Unclassifed Manufacturers |
|
|
|||||||||||||||||||||||||||||
SSD1850Z Datasheet(HTML) 32 Page - List of Unclassifed Manufacturers |
|
32 / 56 page ![]() SSD1850/51 Series Rev 1.2 01/2003 SOLOMON 28 COMMAND DESCRIPTIONS Set Display On/Off This command turns the display on/off, by the value of the LSB. Set Display Start Line This command is to set Display Start Line register to determine starting address of display RAM to be displayed by selecting a value from 0 to 63/79. With value equals to 0, D0 of Page 0 is mapped to COM0. With value equals to 1, D1 of Page0 is mapped to COM0. The display start line values of 0 to 63/79 are assigned to Page 0 to 9. Set Page Address This command positions the page address to 0 to 8/10 possible positions in GDDRAM. Refer to figure 5. Set Higher Column Address This command specifies the higher nibble of the 7-bit column address of the display data RAM. The column address will be incremented by each data access after it is pre-set by the MCU and returning to 0 once overflow (>127). Set Lower Column Address This command specifies the lower nibble of the 7-bit column address of the display data RAM. The column address will be incremented by each data access after it is pre-set by the MCU and returning to 0 once overflow (>127). Set Segment Re-map This commands changes the mapping between the display data column address and segment driver. It allows flexibility in layout during LCD module assembly. Refer to figure 5. Set Normal/Inverse Display This command sets the display to be either normal/inverse. In normal display, a RAM data of 1 indicates an “ON” pixel. While in reverse display, a RAM data of 0 indicates an “ON” pixel. The icon line is not affected by this command. Set Entire Display On/Off This command forces the entire display, including the icon row, to be “ON” regardless of the contents of the display data RAM. This command has priority over normal/inverse display. To execute this command, Set Display On command must be sent in advance. Set LCD Bias This command is used to select a suitable bias ratio (1/4 to 1/11) required for driving the particular LCD panel in use. The POR default for SSD1851 is set to 1/10 bias and SSD1850 is set to 1/9. Software Reset This command causes some of the internal status of the chip to be initialized: 1. Page address is set to 0 2. Column address is set to 0 3. Initial Display Line is set to 0 (point to display RAM page 0, D0) 4. Internal Resistor Ratio register is set to (0,0,0) 5. Software Contrast is set to 32 Set COM Output Scan Direction This command sets the scan direction of the COM output allowing layout flexibility in LCD module assembly. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |