Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LUWCQAR Datasheet(PDF) 6 Page - OSRAM GmbH

Part # LUWCQAR
Description  Industrial lighting
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LUWCQAR Datasheet(HTML) 6 Page - OSRAM GmbH

Back Button LUWCQAR Datasheet HTML 2Page - OSRAM GmbH LUWCQAR Datasheet HTML 3Page - OSRAM GmbH LUWCQAR Datasheet HTML 4Page - OSRAM GmbH LUWCQAR Datasheet HTML 5Page - OSRAM GmbH LUWCQAR Datasheet HTML 6Page - OSRAM GmbH LUWCQAR Datasheet HTML 7Page - OSRAM GmbH LUWCQAR Datasheet HTML 8Page - OSRAM GmbH LUWCQAR Datasheet HTML 9Page - OSRAM GmbH LUWCQAR Datasheet HTML 10Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 24 page
background image
2017-10-27
6
Version 1.6
LUW CQAR (streetwhite)
LP
KR
JR
GR
FR
ER
DR
CR
KQ
JQ
HQ
GQ
FQ
EQ
DQ
CQ
KP
JP
HP
GP
FP
EP
DP
CP
HR
650
0K
570
0K
4500 K
5000 K
5500 K
6000 K
6500 K
7000 K
8000 K
9000 K
10000 K
12000 K
14000 K
0.210
0.230
0.250
0.270
0.290
0.310
0.330
0.350
0.370
0.390
0.410
0.250
0.270
0.290
0.310
0.330
0.350
0.370
Cx
Cy
Coordinates in reference to CIE 1931 (cx cy)
streetwhite
450
460
470
475
480
485
490
495
500
505
510
515
520
525
530
540
550
560
570
580
590
600
610
630
700
0.000
0.100
0.200
0.300
0.400
0.500
0.600
0.700
0.800
0.000
0.100
0.200
0.300
0.400
0.500
0.600
0.700
Cx
Cy
Coordinates in reference to CIE 1931 (cx cy)
Chromaticity Coordinate Groups 5) page 23
Farbortgruppen 5) Seite 23



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com