Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LUWCQAR Datasheet(PDF) 10 Page - OSRAM GmbH

Part # LUWCQAR
Description  Industrial lighting
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LUWCQAR Datasheet(HTML) 10 Page - OSRAM GmbH

Back Button LUWCQAR Datasheet HTML 6Page - OSRAM GmbH LUWCQAR Datasheet HTML 7Page - OSRAM GmbH LUWCQAR Datasheet HTML 8Page - OSRAM GmbH LUWCQAR Datasheet HTML 9Page - OSRAM GmbH LUWCQAR Datasheet HTML 10Page - OSRAM GmbH LUWCQAR Datasheet HTML 11Page - OSRAM GmbH LUWCQAR Datasheet HTML 12Page - OSRAM GmbH LUWCQAR Datasheet HTML 13Page - OSRAM GmbH LUWCQAR Datasheet HTML 14Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 24 page
background image
2017-10-27
10
Version 1.6
LUW CQAR (streetwhite)
IF = f (VF); TJ = 25 °C
ΦV/ΦV(700 mA) = f(IF); TJ = 25 °C
Cx, Cy = f(IF); TJ = 25 °C
OHL06024
2.4 2.6 2.8 3.0 3.2 3.4 3.6
200
400
600
800
1000
1200
1500
I (mA)
F
V (V)
F
OHL06054
0.0
0.5
1.0
1.5
2.0
I (mA)
F
Φ
V
Φ
V (700 mA)
OHL06099
-0.03
-0.02
-0.01
0.00
0.01
0.02
0.03
: ∆Cx
: ∆Cy
∆Cx
∆Cy
I (mA)
F
∆
Cx
∆
Cy
Forward Current 4) page 23 , 6) page 23
Durchlassstrom 4) Seite 23 , 6) Seite 23
Relative Luminous Flux 4) page 23 , 6) page 23
Relativer Lichtstrom 4) Seite 23 , 6) Seite 23
Farbortverschiebung 4) Seite 23
Chromaticity Coordinate Shift 4) page 23



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com