Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IW1815 Datasheet(PDF) 2 Page - Dialog Semiconductor

Part # IW1815
Description  Off-Line Digital Green-Mode PWM Controller
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

IW1815 Datasheet(HTML) 2 Page - Dialog Semiconductor

  IW1815 Datasheet HTML 1Page - Dialog Semiconductor IW1815 Datasheet HTML 2Page - Dialog Semiconductor IW1815 Datasheet HTML 3Page - Dialog Semiconductor IW1815 Datasheet HTML 4Page - Dialog Semiconductor IW1815 Datasheet HTML 5Page - Dialog Semiconductor IW1815 Datasheet HTML 6Page - Dialog Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
iW1815 Product Summary
Off-Line Digital Green-Mode PWM Controller
Integrated with Power BJT
Rev. 0.1 Preliminary
iW1815
© 2015 Dialog Semiconductor (UK) Ltd.
Product Summary
2 of 6
Figure 3.1 : iW1815 Typical Application Circuit
L
+
VOUT
GND
U1
iW1815
NC
VCC
C
VSENSE
GND
ISENSE
E
1
2
8
6
4
7
5
N
+
WARNING:
The iW1815 is intended for high voltage AC/DC offline applications. Contact with live high voltage offline circuits
or improper use of components may cause lethal or life threatening injuries or property damage. Only qualified
professionals with safety training and proper precaution should operate with high voltage offline circuits.
iW1815 Output Power Table at Universal Input (85VAC–264VAC)
Condition
Open Frame1
Output Power (W)
7.0
Notes:
1. Maximum practical continuous output power measured at open frame ambient temperture of 50°C and device pins/
package temperatures of ≤ 100°C while minimum bulk capacitor voltage is kept above 90VDC and no special heatsinking
is used (test unit is placed in a non-ventilated environment).
2. The output power capability can vary depending on the power supply system designs and operating conditions.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com