Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IW1815 Datasheet(PDF) 3 Page - Dialog Semiconductor

Part # IW1815
Description  Off-Line Digital Green-Mode PWM Controller
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

IW1815 Datasheet(HTML) 3 Page - Dialog Semiconductor

  IW1815 Datasheet HTML 1Page - Dialog Semiconductor IW1815 Datasheet HTML 2Page - Dialog Semiconductor IW1815 Datasheet HTML 3Page - Dialog Semiconductor IW1815 Datasheet HTML 4Page - Dialog Semiconductor IW1815 Datasheet HTML 5Page - Dialog Semiconductor IW1815 Datasheet HTML 6Page - Dialog Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
iW1815 Product Summary
Off-Line Digital Green-Mode PWM Controller
Integrated with Power BJT
Rev. 0.1 Preliminary
iW1815
© 2015 Dialog Semiconductor (UK) Ltd.
Product Summary
3 of 6
4.0 Pinout Description
iW1815
1
2
4
5
6
7
8
NC
VCC
C
E
ISENSE
GND
VSENSE
Figure 4.1: 7-Lead PDID Package
Pin #
Name
Type
Pin Description
1
NC
No
Conneciton No connection.
2
VCC
Power Input Power supply for control logic.
4
C
BJT Collector Collector of internal BJT.
5
E
BJT Emitter Emitter of internal BJT (pin 5 and pin 6 must be shorted externally on the
PCB).
6
ISENSE
Analog Input Primary current sense. Used for cycle-by-cycle peak current control and
current limit.
7
GND
Ground
Ground.
8
VSENSE
Analog Input Auxiliary voltage sense (used for primary-side regulation).



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com