Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SC14CVMDECT-SF Datasheet(PDF) 18 Page - Dialog Semiconductor

Part # SC14CVMDECT-SF
Description  Cordless Voice Module
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

SC14CVMDECT-SF Datasheet(HTML) 18 Page - Dialog Semiconductor

Back Button SC14CVMDECT-SF Datasheet HTML 14Page - Dialog Semiconductor SC14CVMDECT-SF Datasheet HTML 15Page - Dialog Semiconductor SC14CVMDECT-SF Datasheet HTML 16Page - Dialog Semiconductor SC14CVMDECT-SF Datasheet HTML 17Page - Dialog Semiconductor SC14CVMDECT-SF Datasheet HTML 18Page - Dialog Semiconductor SC14CVMDECT-SF Datasheet HTML 19Page - Dialog Semiconductor SC14CVMDECT-SF Datasheet HTML 20Page - Dialog Semiconductor SC14CVMDECT-SF Datasheet HTML 21Page - Dialog Semiconductor SC14CVMDECT-SF Datasheet HTML 22Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 57 page
background image
Datasheet
Revision 3.0
28-Jul-2015
CFR0011-120-00-FM Rev 5
18 of 57
© 2013 Dialog Semiconductor
SC14CVMDECT SF
Cordless Voice Module
FINAL
4.5 PP AUDIO MODES
The PP audio handling consists of four audio states
(see Figure 14). In these states the audio subsystem is
configured for a certain audio mode:
1. Idle mode (not relevant for microphone configu-
ration)
2. Earpiece mode (Handset speaker)
3. Handsfree or Speakerphone mode
4. Headset mode
Selection between the modes is done via API calls; see
document reference [2].
The Alert state is for tone playing and is entered auto-
matically when tones are played using the API calls.
The Alert state can originate from idle, earpiece,
handsfree or headset mode.
4.5.1 Power management
To minimize the current consumption the PP will shut
down all codec amplifiers in Idle mode. This means
that all reference voltages in the analog front-end will
be disabled. This feature can be disabled in the VES if
the reference voltages for some reasons are needed in
Idle mode.
Figure 13: Handset volume configuration
Figure 14: PP audio modes
Idle
Earpiece
Audio
Handsfree
Audio
API_PP_ AUDIO_SET_ MODE_ REQ
(API_ AUDIO_ MODE_ EARPIECE)
API_PP_ AUDIO_SET_ MODE_ REQ
(API_ AUDIO_ MODE_ EARPIECE )
API_PP_ AUDIO_SET_ MODE_ REQ
(API_ AUDIO_ MODE_ HANDSFREE )
Headset Audio
API_PP_ AUDIO_SET_ MODE_ REQ
(API_ AUDIO_ MODE_ HEADSET )
API_PP_ AUDIO_SET_ MODE_ REQ
(API_ AUDIO_ MODE_ EARPIECE )
API_PP_ AUDIO_SET_ MODE_ REQ
(API_ AUDIO_ MODE_ HEADSET)
API_PP_ AUDIO_SET_ MODE_ REQ
(API_ AUDIO_ MODE_ EARPIECE )



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com