Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SC14CVMDECT-SF Datasheet(PDF) 20 Page - Dialog Semiconductor

Part # SC14CVMDECT-SF
Description  Cordless Voice Module
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

SC14CVMDECT-SF Datasheet(HTML) 20 Page - Dialog Semiconductor

Back Button SC14CVMDECT-SF Datasheet HTML 16Page - Dialog Semiconductor SC14CVMDECT-SF Datasheet HTML 17Page - Dialog Semiconductor SC14CVMDECT-SF Datasheet HTML 18Page - Dialog Semiconductor SC14CVMDECT-SF Datasheet HTML 19Page - Dialog Semiconductor SC14CVMDECT-SF Datasheet HTML 20Page - Dialog Semiconductor SC14CVMDECT-SF Datasheet HTML 21Page - Dialog Semiconductor SC14CVMDECT-SF Datasheet HTML 22Page - Dialog Semiconductor SC14CVMDECT-SF Datasheet HTML 23Page - Dialog Semiconductor SC14CVMDECT-SF Datasheet HTML 24Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 57 page
background image
Datasheet
Revision 3.0
28-Jul-2015
CFR0011-120-00-FM Rev 5
20 of 57
© 2013 Dialog Semiconductor
SC14CVMDECT SF
Cordless Voice Module
FINAL
The clock can also be read and set directly from an
external microprocessor or through the MMI software
on the FP.
The real-time clock accuracy depends directly on the
SC14CVMDECT SF crystal.
When the SC14CVMDECT SF is configured as a PP,
the clock has the same accuracy as the FP clock.
When the PP synchronises with an FP, the PP crystal
is synchronized with the FP crystal and the PP clock
will change accordingly.
The accuracy is expected to be within 1 minute for up
to 6 weeks without being locked to an FP.
4.9 BATTERY MANAGEMENT
Figure 18 shows a handset application with NiMH.
SOC (State Of Charge) is used to measure the amount
of charge in the rechargeable batteries.
Figure 19 shows an FP application. The FP uses an
external LDO, so the SOC pins are not used and can
be connected to GND.
The PP API supports battery management to calculate
the battery capacity and to indicate charge status.
Refer to API document [2].
The SOC circuit is used to very accurately determine
the amount of charge in rechargeable batteries as well
as the discharge state of Alkaline batteries. This infor-
mation is essential for the battery charging algorithm
and necessary for battery status indication to the user.
Battery status information is supported by the API.
Detailed information can be found in AN-D-174 (Bat-
tery Management) [5].
Pin CHARGE_CTRL is driven high when either the
“sensed voltage on the VBAT pin” is lower than the
voltage setting or “sensed current via SOCp” is lower
than the current setting. Pin CHARGE_CTRL can drive
up to 500
A as source current (see Table 32). Detailed
setting information can be found in document [4] under
“Battery settings”.
4.10 PROTOCOL STACK
The protocol stack handles the RF interface, the MAC-,
DLC-, NWK-layer and encryption according to the
DECT standard EN300 175 1-9.
4.10.1 DECT TBR22
The SC14CVMDECT SF supports the DECT GAP
standard according to EN300 444. For TBR22 type
approval (optional) switching off the authentication and
encryption is required, which can be done with the VES
parameter Tbr_22.
Figure 17: Clock synchronization
Figure 18: Handset (PP) application with 2x NiMH
100
1k
1k
0.1
SO C
V supply
VB AT IN
Figure 19: Base station (FP) application
1k
SO C
Vsupply
VB A T IN
LD O



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com