Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SLG59H1007V Datasheet(PDF) 11 Page - Dialog Semiconductor

Part # SLG59H1007V
Description  A 22 V, 13.3 m廓, 5 A Integrated Power Switch with VIN Lockout Select and Load Power Monitor Output
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

SLG59H1007V Datasheet(HTML) 11 Page - Dialog Semiconductor

Back Button SLG59H1007V Datasheet HTML 7Page - Dialog Semiconductor SLG59H1007V Datasheet HTML 8Page - Dialog Semiconductor SLG59H1007V Datasheet HTML 9Page - Dialog Semiconductor SLG59H1007V Datasheet HTML 10Page - Dialog Semiconductor SLG59H1007V Datasheet HTML 11Page - Dialog Semiconductor SLG59H1007V Datasheet HTML 12Page - Dialog Semiconductor SLG59H1007V Datasheet HTML 13Page - Dialog Semiconductor SLG59H1007V Datasheet HTML 14Page - Dialog Semiconductor SLG59H1007V Datasheet HTML 15Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
000-0059H1007-100
Page 11 of 20
SLG59H1007V
Timing Diagram - Basic Operation including Active Current + Internal FET SOA Protection
VIN
ON
Time
LOW
HIGH
3.5 V
TFAULTHIGH
VOUT
IDS
90%
10%
0.2s
TON_DLY
Active Current Limit
Operation
FAULT
0.25 V
HIGH
SCL
ACL
SCL
ACL
ON
TFAULTLOW
ACL Threshold Triggered
Nominal Steady State
Operation Resumes
Automatic restart after
0.2s “cool off” delay
FET SOA Threshold
Triggered and FET is
turned off
ACL Threshold Triggered
Abnormal Step Load
Current Event
SOA
Threshold



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com