Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SLG46200 Datasheet(PDF) 39 Page - Dialog Semiconductor

Part # SLG46200
Description  GreenPAK Programmable Mixed Signal Array
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

SLG46200 Datasheet(HTML) 39 Page - Dialog Semiconductor

Back Button SLG46200 Datasheet HTML 35Page - Dialog Semiconductor SLG46200 Datasheet HTML 36Page - Dialog Semiconductor SLG46200 Datasheet HTML 37Page - Dialog Semiconductor SLG46200 Datasheet HTML 38Page - Dialog Semiconductor SLG46200 Datasheet HTML 39Page - Dialog Semiconductor SLG46200 Datasheet HTML 40Page - Dialog Semiconductor SLG46200 Datasheet HTML 41Page - Dialog Semiconductor SLG46200 Datasheet HTML 42Page - Dialog Semiconductor SLG46200 Datasheet HTML 43Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 69 page
background image
000-0046200-124
Page 34 of 64
SLG46200
14.0 Power On Reset (POR)
The Power On Reset (POR) macro cell will produce a “1” signal as an output when the power supply (VDD) rises to 2.5V or greater.
This signal (POR4NVM) requires approximately 3ms of delay before it will go from low to high.
When NVM data is ready, the oscillator must be stable at the same time. If the oscillator power on is controlled by auto power on
signals such as delay cells, ADC, or PWM, the oscillator will need a maximum of 5
μs to become stable.
Figure 19. Power on Reset Timing Diagram
Figure 20. Stable Oscillator wait time
POR4NVM
VDD
NVM data ready/
oscillator stable
2.4V
~3ms
22 s
Oscillator stable
s
Oscillator power
on control signals



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com