Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SLG46200 Datasheet(PDF) 13 Page - Dialog Semiconductor

Part # SLG46200
Description  GreenPAK Programmable Mixed Signal Array
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

SLG46200 Datasheet(HTML) 13 Page - Dialog Semiconductor

Back Button SLG46200 Datasheet HTML 9Page - Dialog Semiconductor SLG46200 Datasheet HTML 10Page - Dialog Semiconductor SLG46200 Datasheet HTML 11Page - Dialog Semiconductor SLG46200 Datasheet HTML 12Page - Dialog Semiconductor SLG46200 Datasheet HTML 13Page - Dialog Semiconductor SLG46200 Datasheet HTML 14Page - Dialog Semiconductor SLG46200 Datasheet HTML 15Page - Dialog Semiconductor SLG46200 Datasheet HTML 16Page - Dialog Semiconductor SLG46200 Datasheet HTML 17Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 69 page
background image
000-0046200-124
Page 8 of 64
SLG46200
6.0 Summary of Macro Cell Function
6.1 I/O Pins (6 total)
•
Digital Input (low voltage or normal voltage, with or without Schmitt Trigger)
•
Open Drain
•Push-Pull
•
Analog I/O
•
50k
Ω/100kΩ/300kΩ pull-up/pull-down resistors
6.2 Connection Matrix
•
Digital matrix for circuit connections based on user design
6.3 Delays/Counters (CNT/DLY 3 total)
•0.5
μs to 380ms (4.5s for DLY1) delay time range
•
Three 14-bit counters (one Finite State Machine counter)
6.4 Analog to Digital Converter (ADC)
•
8-bit, up to 7.5kHz, Successive Approximation Register ADC
•
DNL < ±1LSB, INL < ±2LSB
•VIN Range: 0 ~ 1.7V
•
Common Mode Voltage Range: VPP/2 ~ VDD/2
•
3-bit Programmable Gain Amplifier with gain values of (1, 2, 4, 8,16X in differential mode and 0.5, 1, 2, 4, 8X in single-ended
mode)
•
SPI output format
6.5 Analog Comparators (ACMP 2 total)
•
50mV Hysteresis
6.6 Pulse Width Modulator (PWM)
•8-bit
•
Clock Frequency 43kHz - 7.8MHz, with dead band control
6.7 Digital Comparators (DCMP 2 total)
•8-bit
•
Clock Frequency 43kHz - 7.8MHz
6.8 Serial-to-Parallel / Parallel-to-Serial Converter (S2P)
•
Serial-to-Parallel
•
Parallel-to-Serial
•
SPI Format
6.9 Combinatorial Logic LUTs (7 total)
•
Used to create either standard or custom digital logic functions
•
Two 2-bit Lookup Tables
•
Four 3-bit Lookup Tables
•
One 4-bit Lookup Tables
6.10 Logic Storage Devices (DFFs/LATCHes 3 total)
•
D Flip-Flops or Latches



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com