Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SST12LF02 Datasheet(PDF) 2 Page - Silicon Storage Technology, Inc

Part # SST12LF02
Description  2.4 GHz High-Gain, High-Efficiency Front-end Module
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SST [Silicon Storage Technology, Inc]
Direct Link  http://www.sst.com/
Logo SST - Silicon Storage Technology, Inc

SST12LF02 Datasheet(HTML) 2 Page - Silicon Storage Technology, Inc

  SST12LF02 Datasheet HTML 1Page - Silicon Storage Technology, Inc SST12LF02 Datasheet HTML 2Page - Silicon Storage Technology, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
©2011 Silicon Storage Technology, Inc.
DS75006B
06/11
2
2.4 GHz High-Gain, High-Efficiency Front-end Module
SST12LF02
Product Brief
A Microchip Technology Company
Contact Information
Thank you for your interest in Microchip RF products. The data sheet for this device contains proprie-
tary information. To obtain a copy of the data sheet, contact your local Microchip sales representative
or distributor at the link below.
Global Sales and Distribution
Table 1:Revision History
Revision
Description
Date
A
•
Initial release of Product Brief
Apr 2011
B
•
Added Contact Information
•
Modified summary paragraph on page 1.
•
Added “Insertion loss” information to Features on page 1.
Jun 2011
© 2011 Silicon Storage Technology, Inc–a Microchip Technology Company. All rights reserved.
SST, Silicon Storage Technology, the SST logo, SuperFlash, MTP, and FlashFlex are registered trademarks of Silicon Storage Tech-
nology, Inc. MPF, SQI, Serial Quad I/O, and Z-Scale are trademarks of Silicon Storage Technology, Inc. All other trademarks and
registered trademarks mentioned herein are the property of their respective owners.
Specifications are subject to change without notice. Refer to www.microchip.com for the most recent documentation. For the most current
package drawings, please see the Packaging Specification located at http://www.microchip.com/packaging.
Memory sizes denote raw storage capacity; actual usable capacity may be less.
SST makes no warranty for the use of its products other than those expressly contained in the Standard Terms and Conditions of
Sale.
For sales office locations and information, please see www.microchip.com.
Silicon Storage Technology, Inc.
A Microchip Technology Company
www.microchip.com
ISBN:978-1-61341-338-8



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com