Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SST12LF02 Datasheet(PDF) 1 Page - Silicon Storage Technology, Inc

Part # SST12LF02
Description  2.4 GHz High-Gain, High-Efficiency Front-end Module
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SST [Silicon Storage Technology, Inc]
Direct Link  http://www.sst.com/
Logo SST - Silicon Storage Technology, Inc

SST12LF02 Datasheet(HTML) 1 Page - Silicon Storage Technology, Inc

  SST12LF02 Datasheet HTML 1Page - Silicon Storage Technology, Inc SST12LF02 Datasheet HTML 2Page - Silicon Storage Technology, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
A Microchip Technology Company
©2011 Silicon Storage Technology, Inc.
DS75006B
06/11
Product Brief
www.microchip.com
Features
• High Gain:
– Typically 29 dB gain across 2.4–2.5 GHz over tempera-
ture -20°C to +85°C for Transmitter (TX) chain.
• High linear output power (at 3.3V):
– Meets 802.11g OFDM ACPR requirement up to 21 dBm
– <3% added EVM up to 18 dBm for
54 Mbps 802.11g signal
– Meets 802.11b ACPR requirement up to 21 dBm
• High power-added efficiency/Low operating cur-
rent for 802.11b/g/n applications
• High temperature stability
– ~1 dB power variation between -20°C to +85°C
– ~3 dB gain variation between -20°C to +85°C
• Temperature and load insensitive on-chip power detector
– 20 dB dynamic range
• Low insertion loss
– 0.5 dB for WLAN receiver and Bluetooth ports
– 4.5 dB and 3.8 dB for simultaneous WLAN and Blue-
tooth receiver ports, respectively
• Input/output ports matched to 50
 internally and
DC decoupled.
• Packages available
– 16-contact XQFN – 3mm x 3mm x 0.45mm
• All non-Pb (lead-free) devices are RoHS compliant
Applications
• WLAN (IEEE 802.11b/g/n)
• Bluetooth™
• Home RF
• Cordless phones
• 2.4 GHz ISM wireless equipment
Block Diagram
Product Ordering
Valid combinations for SST12LF02
SST12LF02-QXCE
SST12LF02 Evaluation Kits
SST12LF02-QXCE-K
Note: Valid combinations are those products in mass produc-
tion or will be in mass production. Consult your SST sales
representative to confirm availability of valid combinations
and to determine availability of new combinations.
Antenna
Bluetooth
Rx_out
Tx_in
Vccb
Vref
Vcc
Vdet
SP3T
Switch
Bias
Circuit
PA
Tx Input
Match
2.4 GHz High-Gain, High-Efficiency Front-end Module
SST12LF02
The SST12LF02 is a 2.4 GHz Front-End Module (FEM) that combines a high-perfor-
mance Power Amplifier (PA) and a switch within a compact, fully-matched package.
Designed in compliance with IEEE 802.11b/g/n applications and based on GaAs
PHEMT/HBT technology, the SST12LF02 operates within the frequency range of 2.4-
2.5 GHz with very low DC-current consumption. The Transmitter chain has excellent
linearity, typically <3% added EVM up to 18 dBm output power, with 802.11g 54 Mbps
OFDM operation while meeting 802.11b/g/n spectrum mask at 21 dBm. An option to
simultaneously connect the WLAN and Bluetooth receiver ports is available. The
SST12LF02 is offered in a 16-contact XQFN package.


Similar Part No. - SST12LF02

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
SST12LF02 MICROCHIP-SST12LF02 Datasheet
239Kb / 2P
2.4 GHz High-Gain, High-Efficiency Front-end Module Cordless phones
06/11
SST12LF02 MICROCHIP-SST12LF02 Datasheet
2Mb / 17P
2.4 GHz WLAN High-Gain, High-Efficiency FEM
01/15
SST12LF02-QXCE MICROCHIP-SST12LF02-QXCE Datasheet
239Kb / 2P
2.4 GHz High-Gain, High-Efficiency Front-end Module Cordless phones
06/11
SST12LF02-QXCE MICROCHIP-SST12LF02-QXCE Datasheet
2Mb / 17P
2.4 GHz WLAN High-Gain, High-Efficiency FEM
01/15
SST12LF02-QXCE-K MICROCHIP-SST12LF02-QXCE-K Datasheet
2Mb / 17P
2.4 GHz WLAN High-Gain, High-Efficiency FEM
01/15
More results

Similar Description - SST12LF02

ManufacturerPart #DatasheetDescription
logo
SiGe Semiconductor, Inc...
SE2559L20 SIGE-SE2559L20 Datasheet
105Kb / 2P
2.4 GHz High Efficiency Wireless LAN Front End Preliminary
SE2579U SIGE-SE2579U Datasheet
165Kb / 2P
2.4 GHz High Efficiency Wireless LAN/BT Front End
logo
Microchip Technology
SST12LF09 MICROCHIP-SST12LF09 Datasheet
364Kb / 15P
2.4 GHz High-Gain, High-Efficiency Front-end Module
2013
SST12LF02 MICROCHIP-SST12LF02 Datasheet
239Kb / 2P
2.4 GHz High-Gain, High-Efficiency Front-end Module Cordless phones
06/11
logo
Skyworks Solutions Inc.
SE2436L SKYWORKS-SE2436L Datasheet
262Kb / 13P
High Power 2.4 GHz 802.15.4 Front End Module
logo
Microchip Technology
SST12LP17E MICROCHIP-SST12LP17E Datasheet
380Kb / 15P
2.4 GHz High-Efficiency, High-Gain Power Amplifier Module
10/14
SST12LF09 MICROCHIP-SST12LF09_13 Datasheet
548Kb / 18P
2.4 GHz High-Linearity, WLAN Front-End Module
2013
logo
Silicon Storage Technol...
SST12LF01 SST-SST12LF01 Datasheet
335Kb / 21P
2.4 GHz Front-End Module
SST12LF03 SST-SST12LF03 Datasheet
419Kb / 18P
2.4 GHz High-Gain, High-Efficiency Front-end Module
SST12LP14E SST-SST12LP14E Datasheet
34Kb / 2P
2.4 GHz High-Efficiency, High-Gain Power Amplifier Module
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com