Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UPSD3253 Datasheet(PDF) 57 Page - STMicroelectronics

Part # UPSD3253
Description  Flash Programmable System Devices with 8032 Microcontroller Core and 256Kbit SRAM
PDF  176 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UPSD3253 Datasheet(HTML) 57 Page - STMicroelectronics

Back Button UPSD3253 Datasheet HTML 53Page - STMicroelectronics UPSD3253 Datasheet HTML 54Page - STMicroelectronics UPSD3253 Datasheet HTML 55Page - STMicroelectronics UPSD3253 Datasheet HTML 56Page - STMicroelectronics UPSD3253 Datasheet HTML 57Page - STMicroelectronics UPSD3253 Datasheet HTML 58Page - STMicroelectronics UPSD3253 Datasheet HTML 59Page - STMicroelectronics UPSD3253 Datasheet HTML 60Page - STMicroelectronics UPSD3253 Datasheet HTML 61Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 176 page
background image
57/176
µPSD325X DEVICES
Table 40. Timer/Counter 2 Control Register (T2CON)
Table 41. Description of the T2CON Bits
Note: 1. The RCLK1 and TCLK1 Bits in the PCON Register control UART 2, and have the same function as RCLK and TCLK.
76543210
TF2
EXF2
RCLK
TCLK
EXEN2
TR2
C/T2
CP/RL2
Bit
Symbol
Function
7TF2
Timer 2 overflow flag. Set by a Timer 2 overflow, and must be cleared by software. TF2
will not be set when either (RCLK, RCLK1)=1 or (TCLK, TCLK)=1
6EXF2
Timer 2 external flag set when either a capture or reload is caused by a negative
transition on T2EX and EXEN2=1. When Timer 2 interrupt is enabled, EXF2=1 will
cause the CPU to vector to the Timer 2 interrupt routine. EXF2 must be cleared by
software
5
RCLK1
Receive clock flag (UART 1). When set, causes the serial port to use Timer 2 overflow
pulses for its receive clock in Modes 1 and 3. TCLK=0 causes Timer 1 overflow to be
used for the receive clock
4
TCLK1
Transmit clock flag (UART 1). When set, causes the serial port to use Timer 2 overflow
pulses for its transmit clock in Modes 1 and 3. TCLK=0 causes Timer 1 overflow to be
used for the transmit clock
3
EXEN2
Timer 2 external enable flag. When set, allows a capture or reload to occur as a result of
a negative transition on T2EX if Timer 2 is not being used to clock the serial port.
EXEN2=0 causes Time 2 to ignore events at T2EX
2
TR2
Start/stop control for Timer 2. A logic 1 starts the timer
1
C/T2
Timer or Counter select for Timer 2. Cleared for timer operation (input from internal
system clock, tCPU); set for external event counter operation (negative edge triggered)
0
CP/RL2
Capture/reload flag. When set, capture will occur on negative transition of T2EX if
EXEN2=1. When cleared, auto-reload will occur either with TImer 2 overflows, or
negative transitions of T2EX when EXEN2=1. When either (RCLK, RCLK1)=1 or (TCLK,
TCLK)=1, this bit is ignored, and timer is forced to auto-reload on Timer 2 overflow



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com