Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UPSD3253 Datasheet(PDF) 94 Page - STMicroelectronics

Part # UPSD3253
Description  Flash Programmable System Devices with 8032 Microcontroller Core and 256Kbit SRAM
PDF  176 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UPSD3253 Datasheet(HTML) 94 Page - STMicroelectronics

Back Button UPSD3253 Datasheet HTML 90Page - STMicroelectronics UPSD3253 Datasheet HTML 91Page - STMicroelectronics UPSD3253 Datasheet HTML 92Page - STMicroelectronics UPSD3253 Datasheet HTML 93Page - STMicroelectronics UPSD3253 Datasheet HTML 94Page - STMicroelectronics UPSD3253 Datasheet HTML 95Page - STMicroelectronics UPSD3253 Datasheet HTML 96Page - STMicroelectronics UPSD3253 Datasheet HTML 97Page - STMicroelectronics UPSD3253 Datasheet HTML 98Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 94 / 176 page
background image
µPSD325X DEVICES
94/176
Table 71. USB Endpoint1 (and 2) Transmit Control Register (UCON1: 0EBh)
Table 72. Description of the UCON1 Bits
76543210
TSEQ1
EP12SEL
TX1E
FRESUM
TP1SIZ3
TP1SIZ2
TP1SIZ1
TP1SIZ0
Bit
Symbol
R/W
Function
7
TSEQ1
R/W
Endpoint 1/ Endpoint 2 Transmit Data Packet PID. (0=DATA0, 1=DATA1)
This bit determines which type of data packet (DATA0 or DATA1) will be
sent during the next IN transaction directed to Endpoint 1 or Endpoint 2.
Toggling of this bit must be controlled by software. RESET clears this bit.
6
EP12SEL
R/W
Endpoint 1/ Endpoint 2 Transmit Selection. (0=Endpoint 1, 1=Endpoint 2)
This bit specifies whether the data inside the registers UDT1 are used for
Endpoint 1 or Endpoint 2. If all the conditions for a successful Endpoint 2
USB response to a hosts IN token are satisfied (TXD1F=0, TX1E=1,
STALL2=0, and EP2E=1) except that the EP12SEL Bit is configured for
Endpoint 1, the USB responds with a NAK handshake packet. RESET
clears this bit.
5
TX1E
R/W
Endpoint1 / Endpoint2 Transmit Enable.
This bit enables a transmit to occur when the USB Host Controller send
an IN token to Endpoint 1 or Endpoint 2. The appropriate endpoint
enable bit, EP1E or EP2E Bit in the UCON2 register, should also be set.
Software should set the TX1E Bit when data is ready to be transmitted. It
must be cleared by software when no more data needs to be transmitted.
If this bit is ’0’ or TXD1F is set, the USB will respond with a NAK
handshake to any Endpoint 1 or Endpoint 2 directed IN token.
RESET clears this bit.
4
FRESUM
R/W
Force Resume.
This bit forces a resume state (“K” on non-idle state) on the USB data
lines to initiate a remote wake-up. Software should control the timing of
the forced resume to be between 10ms and 15ms. Setting this bit will not
cause the RESUMF Bit to set.
3 to 0
TP1SIZ3 to
TP1SIZ0
R/W
The number of transmit data bytes. These bits are cleared by RESET.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com