Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UPSD3253 Datasheet(PDF) 110 Page - STMicroelectronics

Part # UPSD3253
Description  Flash Programmable System Devices with 8032 Microcontroller Core and 256Kbit SRAM
PDF  176 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UPSD3253 Datasheet(HTML) 110 Page - STMicroelectronics

Back Button UPSD3253 Datasheet HTML 106Page - STMicroelectronics UPSD3253 Datasheet HTML 107Page - STMicroelectronics UPSD3253 Datasheet HTML 108Page - STMicroelectronics UPSD3253 Datasheet HTML 109Page - STMicroelectronics UPSD3253 Datasheet HTML 110Page - STMicroelectronics UPSD3253 Datasheet HTML 111Page - STMicroelectronics UPSD3253 Datasheet HTML 112Page - STMicroelectronics UPSD3253 Datasheet HTML 113Page - STMicroelectronics UPSD3253 Datasheet HTML 114Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 110 / 176 page
background image
µPSD325X DEVICES
110/176
Power-down Instruction and Power-up Mode
Power-up Mode. The PSD MODULE internal
logic is reset upon Power-up to the READ Mode.
Sector
Select
(FS0-FS7
and
CSBOOT0-
CSBOOT3) must be held Low, and WRITE Strobe
(WR, CNTL0) High, during Power-up for maximum
security of the data contents and to remove the
possibility of a byte being written on the first edge
of WRITE Strobe (WR, CNTL0). Any WRITE cycle
initiation is locked when VCC is below VLKO.
READ
Under typical conditions, the MCU may read the
primary Flash memory or the secondary Flash
memory using READ operations just as it would a
ROM or RAM device. Alternately, the MCU may
use READ operations to obtain status information
about a Program or Erase cycle that is currently in
progress. Lastly, the MCU may use instructions to
read special data from these memory blocks. The
following sections describe these READ functions.
READ Memory Contents. Primary Flash memo-
ry and secondary Flash memory are placed in the
READ Mode after Power-up, chip reset, or a
Reset Flash instruction (see Table 85, page 109).
The MCU can read the memory contents of the pri-
mary Flash memory or the secondary Flash mem-
ory by using READ operations any time the READ
operation is not part of an instruction.
READ Primary Flash Identifier. The
primary
Flash memory identifier (E7h) is read with an in-
struction composed of 4 operations: 3 specific
WRITE operations and a READ operation (see Ta-
ble 85). During the READ operation, Address Bits
A6, A1, and A0 must be ’0,’ ’0,’ and ’1,’ respective-
ly, and the appropriate Sector Select (FS0-FS7)
must be High.
READ Memory Sector Protection Status. The
primary Flash memory Sector Protection Status is
read with an instruction composed of 4 operations:
3 specific WRITE operations and a READ opera-
tion (see Table 85). During the READ operation,
address Bits A6, A1, and A0 must be ’0,’ ’1,’ and
’0,’ respectively, while Sector Select (FS0-FS7 or
CSBOOT0-CSBOOT3)
designates
the
Flash
memory sector whose protection has to be veri-
fied. The READ operation produces 01h if the
Flash memory sector is protected, or 00h if the
sector is not protected.
The sector protection status for all NVM blocks
(primary Flash memory or secondary Flash mem-
ory) can also be read by the MCU accessing the
Flash Protection registers in PSD I/O space. See
the section entitled “Flash Memory Sector Pro-
tect,” page 115, for register definitions.
Reading the Erase/Program Status Bits. The
Flash memory provides several status bits to be
used by the MCU to confirm the completion of an
Erase or Program cycle of Flash memory. These
status bits minimize the time that the MCU spends
performing these tasks and are defined in Table
86, page 111. The status bits can be read as many
times as needed.
For Flash memory, the MCU can perform a READ
operation to obtain these status bits while an
Erase or Program instruction is being executed by
the embedded algorithm. See the section entitled
“Programming Flash Memory,” page 112, for de-
tails.
Data Polling Flag (DQ7). When erasing or pro-
gramming in Flash memory, the Data Polling Flag
Bit (DQ7) outputs the complement of the bit being
entered for programming/writing on the DQ7 Bit.
Once the Program instruction or the WRITE oper-
ation is completed, the true logic value is read on
the Data Polling Flag Bit (DQ7) (in a READ opera-
tion).
s
Data Polling is effective after the fourth WRITE
pulse (for a Program instruction) or after the
sixth WRITE pulse (for an Erase instruction). It
must be performed at the address being
programmed or at an address within the Flash
memory sector being erased.
s
During an Erase cycle, the Data Polling Flag Bit
(DQ7) outputs a '0.' After completion of the
cycle, the Data Polling Flag Bit (DQ7) outputs
the last bit programmed (it is a '1' after erasing).
s
If the byte to be programmed is in a protected
Flash memory sector, the instruction is ignored.
s
If all the Flash memory sectors to be erased are
protected, the Data Polling Flag Bit (DQ7) is
reset to '0' for about 100µs, and then returns to
the previous addressed byte. No erasure is
performed.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com