Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UPSD3253 Datasheet(PDF) 117 Page - STMicroelectronics

Part # UPSD3253
Description  Flash Programmable System Devices with 8032 Microcontroller Core and 256Kbit SRAM
PDF  176 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UPSD3253 Datasheet(HTML) 117 Page - STMicroelectronics

Back Button UPSD3253 Datasheet HTML 113Page - STMicroelectronics UPSD3253 Datasheet HTML 114Page - STMicroelectronics UPSD3253 Datasheet HTML 115Page - STMicroelectronics UPSD3253 Datasheet HTML 116Page - STMicroelectronics UPSD3253 Datasheet HTML 117Page - STMicroelectronics UPSD3253 Datasheet HTML 118Page - STMicroelectronics UPSD3253 Datasheet HTML 119Page - STMicroelectronics UPSD3253 Datasheet HTML 120Page - STMicroelectronics UPSD3253 Datasheet HTML 121Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 117 / 176 page
background image
117/176
µPSD325X DEVICES
Example. FS0 is valid when the address is in the
range of 8000h to BFFFh, CSBOOT0 is valid from
8000h to 9FFFh, and RS0 is valid from 8000h to
87FFh. Any address in the range of RS0 always
accesses the SRAM. Any address in the range of
CSBOOT0 greater than 87FFh (and less than
9FFFh) automatically addresses secondary Flash
memory segment 0. Any address greater than
9FFFh accesses the primary Flash memory seg-
ment 0. You can see that half of the primary Flash
memory segment 0 and one-fourth of secondary
Flash memory segment 0 cannot be accessed in
this example.
Note: An equation that defined FS1 to anywhere
in the range of 8000h to BFFFh would
not be valid.
Figure 54 shows the priority levels for all memory
components. Any component on a higher level can
overlap and has priority over any component on a
lower level. Components on the same level must
not overlap. Level one has the highest priority and
level 3 has the lowest.
Memory Select Configuration in Program and
Data Spaces. The MCU Core has separate ad-
dress spaces for Program memory and Data
memory. Any of the memories within the PSD
MODULE can reside in either space or both spac-
es. This is controlled through manipulation of the
VM Register that resides in the CSIOP space.
The VM Register is set using PSDsoft Express to
have an initial value. It can subsequently be
changed by the MCU so that memory mapping
can be changed on-the-fly.
For example, you may wish to have SRAM and pri-
mary Flash memory in the Data space at Boot-up,
and secondary Flash memory in the Program
space at Boot-up, and later swap the primary and
secondary Flash memories. This is easily done
with the VM Register by using PSDsoft Express
Configuration to configure it for Boot-up and hav-
ing the MCU change it when desired. Table 89 de-
scribes the VM Register.
Figure 54. Priority Level of Memory and I/O
Components in the PSD MODULE
Table 89. VM Register
Level 1
SRAM, I /O, or
Peripheral I /O
Level 2
Secondary
Non-Volatile Memory
Highest Priority
Lowest Priority
Level 3
Primary Flash Memory
AI02867D
Bit 7
PIO_EN
Bit 6
Bit 5
Bit 4
Primary
FL_Data
Bit 3
Secondary Data
Bit 2
Primary
FL_Code
Bit 1
Secondary Code
Bit 0
SRAM_Code
0 = disable
PIO Mode
not used
not used
0 = RD
can’t
access
Flash
memory
0 = RD can’t
access Secondary
Flash memory
0 = PSEN
can’t
access
Flash
memory
0 = PSEN can’t
access Secondary
Flash memory
0 = PSEN
can’t
access
SRAM
1= enable
PIO Mode
not used
not used
1 = RD
access
Flash
memory
1 = RD access
Secondary Flash
memory
1 = PSEN
access
Flash
memory
1 = PSEN access
Secondary Flash
memory
1 = PSEN
access
SRAM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com