Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UPSD3253 Datasheet(PDF) 133 Page - STMicroelectronics

Part # UPSD3253
Description  Flash Programmable System Devices with 8032 Microcontroller Core and 256Kbit SRAM
PDF  176 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UPSD3253 Datasheet(HTML) 133 Page - STMicroelectronics

Back Button UPSD3253 Datasheet HTML 129Page - STMicroelectronics UPSD3253 Datasheet HTML 130Page - STMicroelectronics UPSD3253 Datasheet HTML 131Page - STMicroelectronics UPSD3253 Datasheet HTML 132Page - STMicroelectronics UPSD3253 Datasheet HTML 133Page - STMicroelectronics UPSD3253 Datasheet HTML 134Page - STMicroelectronics UPSD3253 Datasheet HTML 135Page - STMicroelectronics UPSD3253 Datasheet HTML 136Page - STMicroelectronics UPSD3253 Datasheet HTML 137Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 133 / 176 page
background image
133/176
µPSD325X DEVICES
Port C – Functionality and Structure
Port C can be configured to perform one or more
of the following functions (see Figure 66):
s
MCU I/O Mode
s
CPLD Output – McellBC7-McellBC0 outputs
can be connected to Port B or Port C.
s
CPLD Input – via the Input Macrocells (IMC)
s
In-System Programming (ISP) – JTAG pins
(TMS, TCK, TDI, TDO) are dedicated pins for
device programming. (See the section entitled
“PROGRAMMING IN-CIRCUIT USING THE
JTAG SERIAL INTERFACE,” page 142, for
more information on JTAG programming.)
s
Open Drain – Port C pins can be configured in
Open Drain Mode
s
Battery Backup features – PC2 can be
configured for a battery input supply, Voltage
Stand-by (VSTBY).
PC4 can be configured as a Battery-on Indicator
(VBATON), indicating when VCC is less than
VBAT.
Port C does not support Address Out Mode, and
therefore no Control Register is required.
Figure 66. Port C Structure
Note: 1. ISP or battery back-up
DATA OUT
REG.
DQ
DQ
WR
WR
MCELLBC[ 7:0]
ENABLE PRODUCT TERM (.OE)
READ MUX
P
D
B
CPLD - INPUT
DIR REG.
INPUT
MACROCELL
ENABLE OUT
SPECIAL FUNCTION
1
SPECIAL FUNCTION
1
CONFIGURATION
BIT
DATA IN
OUTPUT
SELECT
OUTPUT
MUX
PORT C PIN
DATA OUT
AI06618



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com