Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UPSD3253 Datasheet(PDF) 139 Page - STMicroelectronics

Part # UPSD3253
Description  Flash Programmable System Devices with 8032 Microcontroller Core and 256Kbit SRAM
PDF  176 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UPSD3253 Datasheet(HTML) 139 Page - STMicroelectronics

Back Button UPSD3253 Datasheet HTML 135Page - STMicroelectronics UPSD3253 Datasheet HTML 136Page - STMicroelectronics UPSD3253 Datasheet HTML 137Page - STMicroelectronics UPSD3253 Datasheet HTML 138Page - STMicroelectronics UPSD3253 Datasheet HTML 139Page - STMicroelectronics UPSD3253 Datasheet HTML 140Page - STMicroelectronics UPSD3253 Datasheet HTML 141Page - STMicroelectronics UPSD3253 Datasheet HTML 142Page - STMicroelectronics UPSD3253 Datasheet HTML 143Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 139 / 176 page
background image
139/176
µPSD325X DEVICES
Table 103. Power Management Mode Registers PMMR21
Note: 1. The bits of this register are cleared to zero following Power-up. Subsequent RESET pulses do not clear the registers.
Table 104. APD Counter Operation
Bit 0
X
0
Not used, and should be set to zero.
Bit 1
X
0
Not used, and should be set to zero.
Bit 2
PLD Array
WR
0 = on WR input to the PLD AND Array is connected.
1 = off WR input to PLD AND Array is disconnected, saving power.
Bit 3
PLD Array
RD
0 = on RD input to the PLD AND Array is connected.
1 = off RD input to PLD AND Array is disconnected, saving power.
Bit 4
PLD Array
PSEN
0 = on PSEN input to the PLD AND Array is connected.
1 = off PSEN input to PLD AND Array is disconnected, saving power.
Bit 5
PLD Array
ALE
0 = on ALE input to the PLD AND Array is connected.
1 = off ALE input to PLD AND Array is disconnected, saving power.
Bit 6
X
0
Not used, and should be set to zero.
Bit 7
X
0
Not used, and should be set to zero.
APD Enable Bit
ALE Level
APD Counter
0
X
Not Counting
1
Pulsing
Not Counting
1
0 or 1
Counting (Generates PDN after 15 Clocks)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com