Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UPSD3253 Datasheet(PDF) 160 Page - STMicroelectronics

Part # UPSD3253
Description  Flash Programmable System Devices with 8032 Microcontroller Core and 256Kbit SRAM
PDF  176 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UPSD3253 Datasheet(HTML) 160 Page - STMicroelectronics

Back Button UPSD3253 Datasheet HTML 156Page - STMicroelectronics UPSD3253 Datasheet HTML 157Page - STMicroelectronics UPSD3253 Datasheet HTML 158Page - STMicroelectronics UPSD3253 Datasheet HTML 159Page - STMicroelectronics UPSD3253 Datasheet HTML 160Page - STMicroelectronics UPSD3253 Datasheet HTML 161Page - STMicroelectronics UPSD3253 Datasheet HTML 162Page - STMicroelectronics UPSD3253 Datasheet HTML 163Page - STMicroelectronics UPSD3253 Datasheet HTML 164Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 160 / 176 page
background image
µPSD325X DEVICES
160/176
Figure 80. Asynchronous RESET / Preset
Figure 81. Asynchronous Clock Mode Timing (product term clock)
Table 125. CPLD Macrocell Asynchronous Clock Mode Timing (5V Devices)
Symbol
Parameter
Conditions
Min
Max
PT
Aloc
Turbo
Off
Slew
Rate
Unit
fMAXA
Maximum Frequency
External Feedback
1/(tSA+tCOA)
38.4
MHz
Maximum Frequency
Internal Feedback (fCNTA)
1/(tSA+tCOA–10)
62.5
MHz
Maximum Frequency
Pipelined Data
1/(tCHA+tCLA)
71.4
MHz
tSA
Input Setup Time
7
+ 2
+ 10
ns
tHA
Input Hold Time
8
ns
tCHA
Clock Input High Time
9
+ 10
ns
tCLA
Clock Input Low Time
9
+ 10
ns
tCOA
Clock to Output Delay
21
+ 10
– 2
ns
tARDA
CPLD Array Delay
Any macrocell
11
+ 2
ns
tMINA
Minimum Clock Period
1/fCNTA
16
ns
tARP
REGISTER
OUTPUT
tARPW
RESET/PRESET
INPUT
AI02864
tCHA
tCLA
tCOA
tHA
tSA
CLOCK
INPUT
REGISTERED
OUTPUT
AI02859



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com