Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UPSD3253 Datasheet(PDF) 171 Page - STMicroelectronics

Part # UPSD3253
Description  Flash Programmable System Devices with 8032 Microcontroller Core and 256Kbit SRAM
PDF  176 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UPSD3253 Datasheet(HTML) 171 Page - STMicroelectronics

Back Button UPSD3253 Datasheet HTML 167Page - STMicroelectronics UPSD3253 Datasheet HTML 168Page - STMicroelectronics UPSD3253 Datasheet HTML 169Page - STMicroelectronics UPSD3253 Datasheet HTML 170Page - STMicroelectronics UPSD3253 Datasheet HTML 171Page - STMicroelectronics UPSD3253 Datasheet HTML 172Page - STMicroelectronics UPSD3253 Datasheet HTML 173Page - STMicroelectronics UPSD3253 Datasheet HTML 174Page - STMicroelectronics UPSD3253 Datasheet HTML 175Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 171 / 176 page
background image
171/176
µPSD325X DEVICES
Table 142. TQFP52 – 52-lead Plastic Quad Flatpack Package Mechanical Data
Symb
mm
inches
Typ
Min
Max
Typ
Min
Max
A
–
–
1.75
–
–
0.069
A1
–
0.05
0.020
–
0.002
0.008
A2
–
1.25
1.55
–
0.049
0.061
b
–
0.02
0.04
–
0.007
0.016
c
–
0.07
0.23
–
0.002
0.009
D
12.00
–
–
0.473
–
–
D1
10.00
–
–
0.394
–
–
D2
E
12.00
–
–
0.473
–
–
E1
10.00
–
–
0.394
–
–
E2
e
0.65
–
–
0.026
–
–
L
–
0.45
0.75
–
0.018
0.030
L1
1.00
–
–
0.039
–
–
α
–0°
7°
–
0°
7°
n52
52
Nd
13
13
Ne
13
13
CP
–
–
0.10
–
–
0.004



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com