Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VDP3108B Datasheet(PDF) 6 Page - Micronas

Part # VDP3108B
Description  Video Processor Family
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRONAS [Micronas]
Direct Link  http://www.micronas.com
Logo MICRONAS - Micronas

VDP3108B Datasheet(HTML) 6 Page - Micronas

Back Button VDP3108B Datasheet HTML 2Page - Micronas VDP3108B Datasheet HTML 3Page - Micronas VDP3108B Datasheet HTML 4Page - Micronas VDP3108B Datasheet HTML 5Page - Micronas VDP3108B Datasheet HTML 6Page - Micronas VDP3108B Datasheet HTML 7Page - Micronas VDP3108B Datasheet HTML 8Page - Micronas VDP3108B Datasheet HTML 9Page - Micronas VDP3108B Datasheet HTML 10Page - Micronas Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 72 page
background image
VDP 31xxB
PRELIMINARY DATA SHEET
6
Micronas
1.1. VDP Applications
As a member of the VDP 31xxB family, the VDP 3120B
offers all video features necessary to design a state-of-
the-art TV set:
Video Decoding
– 4 composite inputs, 1 S-VHS input
– composite video & sync output
– integrated high-quality A/D converters
– adaptive 2H comb filter Y/C separator
– 1H NTSC comb filter
– multistandard color decoder (1 crystal)
– multistandard sync decoder
– black line detector
Video Processing
– horizontal scaling (0.25 to 4)
– panorama vision
– black level expander
– dynamic peaking
– soft limiter (gamma correction)
– color transient improvement
RGB Processing
– programmable RGB matrix
– digital color bus interface
– additional analog RGB / fast blank input
– half-contrast switch
– picture frame generator
Deflection
– scan velocity modulation output
– high-performance H/V deflection
– separate ADC for tube measurements
– EHT compensation
Miscellaneous
– one 20.25 MHz crystal, few external components
– embedded RISC controller (80 MIPS)
– I2C-Bus Interface
– single 5 V power supply
– submicron CMOS technology
– 64-pin PSDIP package
Fig. 1–3: Full-feature TV set with VDP 3120B
RGB
VDP
3120B
Video 2
H/VDefl.
RGB 1
TPU
3040
MSP
3410
3 x Stereo
DRAM
CCU
300x
Video 1
Audio
DPL
3420
Dolby Surround
RGB 2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com