Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VDP3108B Datasheet(PDF) 7 Page - Micronas

Part # VDP3108B
Description  Video Processor Family
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRONAS [Micronas]
Direct Link  http://www.micronas.com
Logo MICRONAS - Micronas

VDP3108B Datasheet(HTML) 7 Page - Micronas

Back Button VDP3108B Datasheet HTML 3Page - Micronas VDP3108B Datasheet HTML 4Page - Micronas VDP3108B Datasheet HTML 5Page - Micronas VDP3108B Datasheet HTML 6Page - Micronas VDP3108B Datasheet HTML 7Page - Micronas VDP3108B Datasheet HTML 8Page - Micronas VDP3108B Datasheet HTML 9Page - Micronas VDP3108B Datasheet HTML 10Page - Micronas VDP3108B Datasheet HTML 11Page - Micronas Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 72 page
background image
PRELIMINARY DATA SHEET
VDP 31xxB
7
Micronas
2. Functional Description
2.1. Analog Front-End
This block provides the analog interfaces to all video in-
puts and mainly carries out analog-to digital conversion
for the following digital video processing. A block dia-
gram is given in Fig. 2–1.
Most of the functional blocks in the front-end are digitally
controlled (clamping, AGC, and clock-DCO). The con-
trol loops are closed by the Fast Processor (‘FP’) em-
bedded in the decoder.
2.1.1. Input Selector
Up to five analog inputs can be connected. Four inputs
are for input of composite video or S-VHS luma signal.
These inputs are clamped to the sync back porch and
are amplified by a variable gain amplifier. One input is
for connection of S-VHS carrier-chrominance signal.
This input is internally biased and has a fixed gain ampli-
fier.
2.1.2. Clamping
The composite video input signals are AC coupled to the
IC. The clamping voltage is stored on the coupling ca-
pacitors and is generated by digitally controlled current
sources. The clamping level is the back porch of the vid-
eo signal. S-VHS chroma is also AC coupled. The input
pin is internally biased to the center of the ADC input
range.
2.1.3. Automatic Gain Control
A digitally working automatic gain control adjusts the
magnitude of the selected baseband by +6/–4.5 dB in 64
logarithmic steps to the optimal range of the ADC. The
gain of the video input stage including the ADC is 213
steps/V with the AGC set to 0 dB.
2.1.4. Analog-to-Digital Converters
Two ADCs are provided to digitize the input signals.
Each converter runs with 20.25 MHz and has 8 bit reso-
lution. An integrated bandgap circuit generates the re-
quired reference voltages for the converters.
2.1.5. ADC Range
The ADC input range for the various input signals and
the digital representation is given in Table 2–1 and Fig.
2–2. The corresponding output signal levels of the
VDP 31xxB are also shown.
2.1.6. Digitally Controlled Clock Oscillator
The clock generation is also a part of the analog front
end. The crystal oscillator is controlled digitally by the
control processor; the clock frequency can be adjusted
within
±150 ppm.
2.1.7. Analog Video Output
The input signal of the Luma ADC is available at the ana-
log video output pin. The signal at this pin must be buff-
ered by a source follower. The output voltage is 2 V, thus
the signal can be used to drive a 75
W line. The magni-
tude is adjusted with an AGC in 8 steps together with the
main AGC.
DVCO
±150
ppm
clamp
bias
frequency
20.25 MHz
gain
ADC
AGC
reference
generation
ADC
VIN3
+6/–4.5 dB
Fig. 2–1: Analog front-end
VIN2
VIN1
CIN
digital Chroma
digital CVBS or Luma
system clocks
CVBS/Y
CVBS/Y
CVBS/Y/C
Chroma
Analog Video
Output
3
VIN4
CVBS/Y



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com