Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XR88C92IP Datasheet(PDF) 13 Page - Exar Corporation

Part # XR88C92IP
Description  DUAL UNIVERSAL ASYNCHRONOUS RECEIVER AND TRANSMITTER
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XR88C92IP Datasheet(HTML) 13 Page - Exar Corporation

Back Button XR88C92IP Datasheet HTML 9Page - Exar Corporation XR88C92IP Datasheet HTML 10Page - Exar Corporation XR88C92IP Datasheet HTML 11Page - Exar Corporation XR88C92IP Datasheet HTML 12Page - Exar Corporation XR88C92IP Datasheet HTML 13Page - Exar Corporation XR88C92IP Datasheet HTML 14Page - Exar Corporation XR88C92IP Datasheet HTML 15Page - Exar Corporation XR88C92IP Datasheet HTML 16Page - Exar Corporation XR88C92IP Datasheet HTML 17Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 32 page
background image
XR88C92/192
13
Rev. 1.31
Users can program the counter to generate an interrupt
request for this condition on the -INT output by
unmasking the bit-3 in the Interrupt Mask Register (IMR,
address 0x5). After 0x0000 the count becomes
0xFFFF, and the counter continues counting down from
there. If the CPU changes the pre-load value, the
counter will not recognize the new value until it receives
the next start counter command (and is reinitialized).
When a read at the stop counter command register
(address 0xF) is performed, the counter stops the
countdown sequence and clears ISR Bit-3. The count
value should only be read while the counter is stopped
because only one of the count registers (either CUR, at
address 0x6 or CLR, at address 0x7) can be read at a
time. If the counter is running, a decrement of CLR that
requires a borrow from the CUR could take place
between the two register reads. Figure 2 shows the
C/T output in the counter mode. OP3 can be pro-
grammed to show the C/T output.
In addition to the watch dog timer described above, the
C/T can be used for receive timeout function (see
description under CRA, CRB in the registers section
also). The C/T is more accurate and the timeout period
is programmable unlike the watchdog timer. However,
only one channel can use the C/T for receive timeout at
any given time. The C/T timeout mode uses the received
data stream to start the counter. Each time a character
is shifted from the receive shift register to the receive
FIFO, the C/T is reloaded with the programmed value in
CTPU and CTPL and it restarts on the next C/T clock.
If a new character is not received before the C/T reaches
terminal count (= 0x0000), a counter ready interrupt
(ISR bit-3) is generated. The user can appropriately
program the CTPU and CTPL for the desired timeout
period. Typically this is slightly more than one character
time. Note that if C/T is used for receiver timeout, a
counter ready interrupt is generated whereas if the
watchdog timer is used, a receiver ready interrupt is
generated.
TIMER MODE
In the timer mode, the C/T runs continuously once the
start command is issued (by reading the start C/T
command register) and the CPU cannot stop it. When
the stop command is issued (by reading the stop C/T
command register), the CPU only resets the C/T inter-
rupt. This mode allows the C/T to be used as a program-
mable clock source for channels A and B (see CSRA,
CSRB register), and/or a periodic interrupt generator. In
this mode, the C/T generates a square-wave output (see
Figure 2) derived from the programmed timer input
clock source. The square wave generated by the timer
has a period of
2 X (pre-load value) X (period of clock
source) and is available as a clock source for both
channels A and B. Since the timer cannot be stopped,
the values in the registers (CUR:CLR) should not be
read. See description of ACR register to see how to
choose clock source for the C/T.
When the start counter command register (STCR,
PRE L O A D
VA L U E
TER M IN A L
CO UNT
C /T O U TP U T IN
CO UNT E R M O DE
C /T O U TP U T IN
T IM E R M O DE
PRE L O A D
VA L U E
TER M IN A L
CO UNT
PRE L O A D
VA L U E
TER M IN A L
CO UNT
PRE L O A D
VA L U E
PRE L O A D
VA L U E
TER M IN A L
CO UNT
TER M IN A L
CO UNT
TER M IN A L
CO UNT
PRE L O A D
VA L U E
PRE L O A D
VA L U E
ST ART C/T CO M M A ND
IS S U E D
PRE L O A D
VA L U E
TER M IN A L
CO UNT
Figure 2: C/T output in Timer and Counter modes.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com