Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XR88C92IP Datasheet(PDF) 2 Page - Exar Corporation

Part # XR88C92IP
Description  DUAL UNIVERSAL ASYNCHRONOUS RECEIVER AND TRANSMITTER
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XR88C92IP Datasheet(HTML) 2 Page - Exar Corporation

  XR88C92IP Datasheet HTML 1Page - Exar Corporation XR88C92IP Datasheet HTML 2Page - Exar Corporation XR88C92IP Datasheet HTML 3Page - Exar Corporation XR88C92IP Datasheet HTML 4Page - Exar Corporation XR88C92IP Datasheet HTML 5Page - Exar Corporation XR88C92IP Datasheet HTML 6Page - Exar Corporation XR88C92IP Datasheet HTML 7Page - Exar Corporation XR88C92IP Datasheet HTML 8Page - Exar Corporation XR88C92IP Datasheet HTML 9Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 32 page
background image
XR88C92/192
2
Rev. 1.31
40 Pin DIP Package
Package Description
44 Pin TQFP Package
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
40
39
38
37
36
35
34
33
32
31
30
29
28
27
26
25
24
23
22
21
A0
IP 3
A1
IP 1
A2
A3
IP 0
-IO W
-IO R
RX B
TX B
OP 1
OP 3
OP 5
OP 7
D1
D3
D5
D7
GN D
VC C
IP 4
IP 5
IP 6
IP 2
-C S
R ESET
XT AL 2
XT AL 1
RX A
TX A
OP 0
OP 2
OP 4
OP 6
D0
D2
D4
D6
-IN T
1
2
3
4
5
6
7
8
9
10
11
33
32
31
30
29
28
27
26
25
24
23
A3
IP 0
-IO W
-IO R
RXB
TXB
OP 1
OP 3
OP 5
OP 7
N.C.
-C S
RES E T
XTAL 2
XTAL 1
RXA
TXA
OP 0
OP 2
OP 4
OP 6
N.C.
XR 88 C 92
XR 88 C 19 2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com