Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EC810 Datasheet(PDF) 4 Page - Lumins Inc.

Part # EC810
Description  Cast aluminum upper electrical housing
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LUMINIS [Lumins Inc.]
Direct Link  http://www.luminis.com
Logo LUMINIS - Lumins Inc.

EC810 Datasheet(HTML) 4 Page - Lumins Inc.

  EC810 Datasheet HTML 1Page - Lumins Inc. EC810 Datasheet HTML 2Page - Lumins Inc. EC810 Datasheet HTML 3Page - Lumins Inc. EC810 Datasheet HTML 4Page - Lumins Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
LUMINIS.COM
Luminaires may be altered for design improvement or discontinued without prior notice.
Toll free: 866.586.4647 Fax: 514.683.8872
260 Labrosse, Pointe-Claire (QC) Canada H9R 5L5
LUMINIS
4
EC810/EC811 SERIES
ECLIPSE MAXI - LED
18”
(457)
Power feed
11”
(279)
Power feed
28”
(711)
Power feed
42.2”
(1072)
17.75”
(451)
EC8WS (EC810 only)
Set of (2) 1” X 3” (25X76) extruded aluminum
wall mount arms with cast aluminum wall plate.
4.625”
(118)
3”
(76)
17.75”
(451)
Power feed
3”
(76)
4.625”
(118)
Power feed
6.125”
(156)
3”
(76)
4.625”
(118)
Power feed
6.125”
(156)
WALL MOUNT
AW8
1” X 3” (25X76) extruded aluminum extended arm
wall mounting adaptor with cast aluminum covers
and galvanized steel mounting plates. 1/2” dia. X
45º standard natural stainless steel rod support.
EC8W (EC810 and EC811)
Set of (2) 1” X 3” (25X76) extruded aluminum
wall mount arms with cast aluminum wall plate.
Mounting
Mounting
Mounting
42.2”
(1072)
42.2”
(1072)



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com