Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EC810 Datasheet(PDF) 2 Page - Lumins Inc.

Part # EC810
Description  Cast aluminum upper electrical housing
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LUMINIS [Lumins Inc.]
Direct Link  http://www.luminis.com
Logo LUMINIS - Lumins Inc.

EC810 Datasheet(HTML) 2 Page - Lumins Inc.

  EC810 Datasheet HTML 1Page - Lumins Inc. EC810 Datasheet HTML 2Page - Lumins Inc. EC810 Datasheet HTML 3Page - Lumins Inc. EC810 Datasheet HTML 4Page - Lumins Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
LUMINIS.COM
Luminaires may be altered for design improvement or discontinued without prior notice.
Toll free: 866.586.4647 Fax: 514.683.8872
260 Labrosse, Pointe-Claire (QC) Canada H9R 5L5
LUMINIS
2
EC810/EC811 SERIES
ECLIPSE MAXI - LED
TYPICAL PHOTOMETRY SUMMARY
STANDARD COLORS
WHT Snow white
BKT Jet black
BZT Bronze
MST Matte silver
GRT Titanium gray
DGT Gun metal
CHT Champagne
OPTIONAL COLORS
CS
Custom color
RAL RAL# color
(Refer to color chart)
120V
277V
Optional
347V
MODEL#
LED LIGHT SELECTION
VOLTAGE 1
FINISH
SUFFIX
L1W18r1
L1W30r1
L1W48r1
L1W65r1
INPUT
WATTS
22W
38W
51W
60W
DELIVERED
LUMENS
1805
3035
3891
4553
CRI
80
CCT ºK
4000K
EC600 - SH
EC810
LUMINAIRE SELECTION
NOTES
1- Luminaires are factory prewired for 120V (if no voltage is specified). For other voltages, please specify with catalog number or consult factory.
2- Fuse and photocell options are normally installed with poles when specified with Luminis luminaires (except for other types of mounting).
3- 3” tenon pole adaptor only required for 3” O.D. poles by others.
MOUNTING
ELECTRICAL
AC8
Pole mount attachment with 45º support
2AC8
Double pole mount attachment with 45º support at 180º
AW8
Wall mount attachment with 45º support
EC8P
Pole mount attachment with stacked arms
2EC8P Double pole mount attachment with stacked arms at
180º
EC8PS Pole mount attachment with short stacked arms (EC810
only)
2EC8PS Double pole mount attachment with short stacked arms
at 180º (EC810 only)
EC8W Wall mount attachment with stacked arms
EC8WS Wall mount attachment with short stacked arms (EC810
only)
TN3
3” Tenon pole adaptor3
PR8
Pedestal mount adaptor
FS
Fuse 2
PH
Photocell 2
347L
347V input power driver
OPTIONS
EC811
Please visit our web site www.luminis.com for complete I.E.S. formatted download data.
Descriptive Information
EC810-L1W65r1
EC811-L1W65r1
Total Lms: 4553 Lumens
Total Input Watts: 60.1 W
Source: LED
Efficacy: 75.7 Lumens/Watt
BUG: B2-U4-G3
CCT/CRI: 4000K/80
Maximum Candela: 584 @ 65ºV
ACCESSORIES
HS8
House side shield
LIGHT
Alternate CCT ºK LED (LCF: Lumen conversion
factor)
K27
2700K CCT 80 CRI (LCF: 0.91)
K3
3000K CCT 80 CRI (LCF: 0.94)
K35
3500K CCT 80 CRI (LCF: 0.98)
NOTE: Other CCT & higher CRI available,
please consult factory.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com