Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HT85F2230 Datasheet(PDF) 1 Page - Holtek Semiconductor Inc

Part # HT85F2230
Description  A/D Flash 8051 Core Low Pin Count MCU
PDF  147 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT85F2230 Datasheet(HTML) 1 Page - Holtek Semiconductor Inc

  HT85F2230 Datasheet HTML 1Page - Holtek Semiconductor Inc HT85F2230 Datasheet HTML 2Page - Holtek Semiconductor Inc HT85F2230 Datasheet HTML 3Page - Holtek Semiconductor Inc HT85F2230 Datasheet HTML 4Page - Holtek Semiconductor Inc HT85F2230 Datasheet HTML 5Page - Holtek Semiconductor Inc HT85F2230 Datasheet HTML 6Page - Holtek Semiconductor Inc HT85F2230 Datasheet HTML 7Page - Holtek Semiconductor Inc HT85F2230 Datasheet HTML 8Page - Holtek Semiconductor Inc HT85F2230 Datasheet HTML 9Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 147 page
background image
A/D Flash 8051 Core Low Pin Count MCU
HT85F2230/HT85F2240
Revision: V1.10 Date: ���� �1� �01�
���� �1� �01�


Similar Part No. - HT85F2230

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT85F2250 HOLTEK-HT85F2250 Datasheet
3Mb / 187P
A/D Flash 8051 Core Low Pin Count MCU
HT85F2260 HOLTEK-HT85F2260 Datasheet
4Mb / 226P
Standard 8051 8-Bit Flash MCU
HT85F2262 HOLTEK-HT85F2262 Datasheet
3Mb / 187P
A/D Flash 8051 Core Low Pin Count MCU
HT85F2270 HOLTEK-HT85F2270 Datasheet
4Mb / 226P
Standard 8051 8-Bit Flash MCU
HT85F2280 HOLTEK-HT85F2280 Datasheet
4Mb / 226P
Standard 8051 8-Bit Flash MCU
More results

Similar Description - HT85F2230

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
T89C5115 ATMEL-T89C5115 Datasheet
1Mb / 105P
Low Pin Count 8-bit MCU with A/D Converter and 16-Kbytes of Flash Memory
AT49LL080 ATMEL-AT49LL080 Datasheet
224Kb / 31P
8-megabit Low-pin Count Flash Memory
logo
List of Unclassifed Man...
VRS51X540 ETC1-VRS51X540 Datasheet
1Mb / 40P
Versa 8051 MCU with 4KB Flash
logo
ATMEL Corporation
T89C5115 ATMEL-T89C5115_08 Datasheet
1Mb / 113P
Low Pin Count 8-bit Microcontroller with A/D Converter and 16 KBytes Flash Memory
logo
Holtek Semiconductor In...
HT85F2260 HOLTEK-HT85F2260 Datasheet
4Mb / 226P
Standard 8051 8-Bit Flash MCU
BS84B06A-3 HOLTEK-BS84B06A-3 Datasheet
5Mb / 119P
Touch A/D Flash MCU
June 30, 2016
HT66FB570 HOLTEK-HT66FB570 Datasheet
7Mb / 248P
A/D Flash USB MCU
December 15, 2016
HT66FB582 HOLTEK-HT66FB582 Datasheet
13Mb / 255P
A/D Flash USB MCU
January 26, 2018
HT85F2250 HOLTEK-HT85F2250 Datasheet
3Mb / 187P
A/D Flash 8051 Core Low Pin Count MCU
BS84B08C HOLTEK-BS84B08C Datasheet
6Mb / 135P
Touch A/D Flash MCU
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com