Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HT85F2230 Datasheet(PDF) 38 Page - Holtek Semiconductor Inc

Part # HT85F2230
Description  A/D Flash 8051 Core Low Pin Count MCU
PDF  147 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT85F2230 Datasheet(HTML) 38 Page - Holtek Semiconductor Inc

Back Button HT85F2230 Datasheet HTML 34Page - Holtek Semiconductor Inc HT85F2230 Datasheet HTML 35Page - Holtek Semiconductor Inc HT85F2230 Datasheet HTML 36Page - Holtek Semiconductor Inc HT85F2230 Datasheet HTML 37Page - Holtek Semiconductor Inc HT85F2230 Datasheet HTML 38Page - Holtek Semiconductor Inc HT85F2230 Datasheet HTML 39Page - Holtek Semiconductor Inc HT85F2230 Datasheet HTML 40Page - Holtek Semiconductor Inc HT85F2230 Datasheet HTML 41Page - Holtek Semiconductor Inc HT85F2230 Datasheet HTML 42Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 147 page
background image
Rev. 1.10
�8 of 147
���� �1� �01�
A/D Flash 8051 Core Low Pin Count MCU
HT85F2230/HT85F2240
Program Memory Protection
The flash program memory is partitioned into two memory blocks. One is the main memory block
and the other is the ID block. The ID block size is 32 bytes and is used to setup the protected
sectors. This memory protection function is used to protect the Program Memory from improper
Program, Erase or Read operations. The flash program memory is divided into several sectors
according to the memory size. Each sector has a capacity of 1K bytes. The memory protection
function is implemented by register control. If a value, with the exception of 0FFH, is written into
the corresponding control register, the corresponding sector program memory protection function
will be enabled. This program memory sector will then be unable to be programmed, erased or read
by corresponding instructions. In this way, the user can select which block of the flash memory is
to be protected.
Memory Protection Control Bytes
The protection of program code memory is categorised to two types: Security Type 1 and Security
Type 2.
■
Security Type 1
Take the HT85F2240 as an example, its inhibit bytes SECURITY1[0:3] are located at the
address 0x00~0x03 of the ID block page 0. If a value, with the exception of 0FFH, has been
written to SECURITY1[N], this sector can not be programmed, erased or read when in the ICP
mode or when executing the OCDSINSTR instruction in the OCDS mode.
With regard to the IAP program, in the OCDS mode, when using the OCDSINSTR instruction
to execute the IAP program, any sector with a security mechanism can be protected from being
programmed, erased or read. If the IAP program is executed when running the main program, all
sectors with security or not, can be programmed, erased or read.
With regard to the MOVC instruction, in the OCDS mode, when using the OCDSINSTR
instruction to execute the MOVC instruction, any sector with security mechanism can not be
read. When executing the MOVC instruction in the main program, all sectors with security or
not, can be read.
The following table illustrates the protection status in the OCDS/ICP/IAP/MOVC modes when
the SECURITY1[0:3] bytes are written with a value other than 0FFH:
SECURITY1[N]
N=0~3
Program
Erase
Read
Protect
Sector #
Remove
Protection
ICP
X
X
N/A(1)
N
Erase A��
IAP
OCDS(�)
X(�)
X
X(4)
N
Erase A��
Main Program
O(�)
O
O
N
Erase A��
M
O
V
C
OCDS(�)
N/A(�)
X(4)
N
Erase A��
Main Program
N/A(�)
O
N
Erase A��
Note: (1) “N/A” means no path to read ROM code.
(�) “N/A” means witho�t this f�nction
(�) “X” stands for inhibited; “O” stands for enab�ed.
(4) If a read operation is inhibited, reading the Flash will return a fixed Flash code of 00H.
(�) In the OCDS mode� on�� when exec�ting the OCDSINSTR instr�ction wi�� the sectors be
protected.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com