Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PC755 Datasheet(PDF) 17 Page - ATMEL Corporation

Part # PC755
Description  PowerPC 755/745 RISC Microprocessor
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

PC755 Datasheet(HTML) 17 Page - ATMEL Corporation

Back Button PC755 Datasheet HTML 13Page - ATMEL Corporation PC755 Datasheet HTML 14Page - ATMEL Corporation PC755 Datasheet HTML 15Page - ATMEL Corporation PC755 Datasheet HTML 16Page - ATMEL Corporation PC755 Datasheet HTML 17Page - ATMEL Corporation PC755 Datasheet HTML 18Page - ATMEL Corporation PC755 Datasheet HTML 19Page - ATMEL Corporation PC755 Datasheet HTML 20Page - ATMEL Corporation PC755 Datasheet HTML 21Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 50 page
background image
17
PC755/745
2138D–HIREL–06/03
4. Thermal resistance between the die and the printed circuit board per JEDEC JESD51-8. Board temperature is measured on
the top surface of the board near the package.
5. Thermal resistance between the die and the case top surface as measured by the cold plate method (MIL SPEC-883
Method 1012.1) with the calculated case temperature. The actual value of RÉýJC for the part is less than 0.1
°C/W.
Note:
Refer to Section “Thermal Management Information“ page 19 for more details about thermal management.
Package Thermal
Characteristics for HiTCE
Table 7 provides the package thermal characteristics for the PC755, HiTCE.
Notes:
1. Simulation, no convection air flow.
2. Per JEDEC JESD51-6 with the board horizontal.
The board designer can choose between several types of heat sinks to place on the
PC755. There are several commercially-available heat sinks for the PC755 provided by
the following vendors:
For the exposed-die packaging technology, shown in Table 5, the intrinsic conduction
thermal resistance paths are as follows:
•
The die junction-to-case (or top-of-die for exposed silicon) thermal resistance
•
The die junction-to-ball thermal resistance
Figure 6 depicts the primary heat transfer path for a package with an attached heat sink
mounted to a printed-circuit board.
Heat generated on the active side of the chip is conducted through the silicon, then
through the heat sink attach material (or thermal interface material), and finally to the
heat sink where it is removed by forced-air convection.
Since the silicon thermal resistance is quite small, for a first-order analysis, the tempera-
ture drop in the silicon may be neglected. Thus, the heat sink attach material and the
heat sink conduction/convective thermal resistances are the dominant terms.
Table 7. Package Thermal Characteristics for HiTCE Package
Characteristic
Symbol
Value
Unit
PC755 HiTCE
Junction-to-bottom of balls(1)
R
θ
J
6.8
°C/W
Junction-to-ambient thermal resistance, natural
convection, four-layer (2s2p) board(1)(2)
R
θ
JMA
20.7
°C/W
Junction to board thermal resistance
R
θ
JB
11.0
°C/W
Table 8. Package Thermal Characteristics for CI-CGA
Characteristic
Symbol
Value
Unit
PC755 CI-CGA
Junction to board thermal resistance
R
θ
JB
8.42
°C/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com